Electronic Components Datasheet Search
  English  ▼

X  

UM0224 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 7Page - STMicroelectronics UM0224 Datasheet HTML 8Page - STMicroelectronics UM0224 Datasheet HTML 9Page - STMicroelectronics UM0224 Datasheet HTML 10Page - STMicroelectronics UM0224 Datasheet HTML 11Page - STMicroelectronics UM0224 Datasheet HTML 12Page - STMicroelectronics UM0224 Datasheet HTML 13Page - STMicroelectronics UM0224 Datasheet HTML 14Page - STMicroelectronics UM0224 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
STR75x demonstration software
Running the demonstrations
11/34
2.2
Clock sources
2.2.1
Clock control
The STR750 internal clocks are derived from one source mounted 4 MHz Crystal.
In this demo application, the system clock is configured as follow:
●
System clock is set to 60 MHz
●
HCLK frequency is set to 60 MHz
●
Timer clock (CK_TIM) is set to 60 MHz
●
PCLK is set to 30 MHz
●
USB clock (CK_USB) is set to 48 MHz (internal clock)
Only the RTC is clocked by a 32 kHz external oscillator.
The HCLK clock can be changed only in the "Run" sub-menu: it can be 60 MHz, 56 MHz,
48 MHz or 4 MHz.
Figure 4.
Clock Control
FREEOSC
OSC4M
OSC32K
LPOSC
PLL
CLOCK
DETECTOR
RTC
AHB & APB
DIVIDERs
/128
XT1
XT2
XRTC1
XRTC2
USB_CK
4 MHz
32 kHz
~245 kHz
1-10 MHz
Up to
64 MHz
48 MHz
CK_SYS
ALARM
WAKEUP
CK_USB 48 MHz
HCLK
up to 60 MHz
PCLK
up to 32MHz
CK_TIM
up to 60 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com