Electronic Components Datasheet Search
  English  ▼

X  

UM0224 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 12Page - STMicroelectronics UM0224 Datasheet HTML 13Page - STMicroelectronics UM0224 Datasheet HTML 14Page - STMicroelectronics UM0224 Datasheet HTML 15Page - STMicroelectronics UM0224 Datasheet HTML 16Page - STMicroelectronics UM0224 Datasheet HTML 17Page - STMicroelectronics UM0224 Datasheet HTML 18Page - STMicroelectronics UM0224 Datasheet HTML 19Page - STMicroelectronics UM0224 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Running the demonstrations
STR75x demonstration software
16/34
01/01/2006 is displayed when you enter this menu for the first time after power-up. The
first digit of the month field is ready to be changed. To change the digit value it is
needed to press "UP" or "DOWN". Pressing "UP" button will display the current value
plus one, pressing "DOWN" button will display the previous value. After choosing the
digit value press "SEL", the cursor jumps automatically to the next digit. When all the
date digits are set, the "Calendar" menu is shown. Some digits values are limited
depending on the field (month, day or year). In case of a re-adjust of the date, the
current date value is shown. The following message is displayed on the LCD when this
sub-menu is selected:
●
Date Show: this item displays the current date. The default date displayed after power
up and before using the Adjust item application is 01/01/2006. The following message
is displayed on the LCD when this sub-menu is selected:
To exit from this sub menu press UP/DOWN push buttons.
Alarm
By means of this Sub-menu the user can configure the time when an alarm can be
activated. When the alarm time value is reached the alarm wave is played. The Alarm wave
is loaded in the SMI Flash. This sub-menu is divided in two items to display or to adjust the
current Alarm.
●
Alarm Adjust: the alarm adjust is reached by the same procedure as the Time Adjust
Submenu.
●
Alarm Show: this item displays the current alarm time. The default Alarm displayed
after power up and before using the Adjust item application is 00:00:00. The following
message is displayed on the LCD when this sub-menu is selected:
To exit from this sub menu press UP/DOWN push buttons.
Note:
When an alarm occurrs the Alarm wave is played and can be stopped only by pushing the
Key button.
01/01/2006
Date Adjust
SUN JAN 01 2006
Date Show
HH:MM:SS
Alarm Adjust
HH:MM:SS
Alarm Show



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com