Electronic Components Datasheet Search
  English  ▼

X  

MPS8550S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPS8550S
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPS8550S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPS8550S Datasheet HTML 1Page - KEC(Korea Electronics) MPS8550S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 3. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
MPS8550S
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
HIGH CURRENT APPLICATION.
FEATURE
Complementary to MPS8050S.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-6V, IC=0
-
-
-100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-100 A, IE=0
-40
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-2mA, IB=0
-25
-
-
V
DC Current Gain
hFE(1)
VCE=-1V, IC=-5mA
45
170
-
hFE(2) (Note)
VCE=-1V, IC=-100mA
85
160
300
hFE(3)
VCE=-1V, IC=-800mA
40
80
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-800mA, IB=-80mA
-
-0.28
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-800mA, IB=-80mA
-
-0.98
-1.2
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-10mA
-
-0.66
-1.0
V
Transition Frequency
fT
VCE=-10V, IC=-50mA
100
200
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz, IE=0
-
15
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-1.5
A
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Note : hFE(2) Classification
B:85 160 , C : 120 200 , D : 160 300
* PC : Package Mounted On 99.5% Alumina (10 8 0.6 )
h
Rank
Type Name
Marking
Lot No.
BJ
FE


Similar Part No. - MPS8550S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MPS8550SC KEC-MPS8550SC Datasheet
611Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
MPS8550S KEC-MPS8550S_15 Datasheet
356Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - MPS8550S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1272 KEC-KTA1272 Datasheet
113Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550 KEC-MPS8550 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com