Electronic Components Datasheet Search
  English  ▼

X  

MPS8550S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MPS8550S
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPS8550S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MPS8550S Datasheet HTML 1Page - KEC(Korea Electronics) MPS8550S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 25
2/2
MPS8550S
Revision No : 1
f
- I
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-100
10
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
-0.4
-0.8
-1.2
-1.6
-2.0
-0.1
-0.2
-0.3
-0.4
I =-4.0mA
B
TC
-300
-30
30
50
100
300
V
=-10V
CE
I =-3.5mA
B
I =-3.0mA
B
I =-2.5mA
B
I =-2.0mA
B
I =-0.5mA
B
100
-1
COLLECTOR CURRENT I
(mA)
-0.1
10
30
50
-0.3
-10
-3
-30
C
-100
1k
300
500
h
- I
FE
C
V
=-1V
CE
-300 -1K
-0.1
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
CBE
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.3
-1
-3
-10
-30
-100
-0.5
-5
-50
V
=-1V
CE
COLLECTOR CURRENT I
(mA)
C
V
V
- I
BE(sat),
CE(sat)
C
I =10I
-0.1
-10
-30
-100
-50
-300
-0.3
-1
-3
-10
-30 -100
-1k
-500
-300 -1K
C
-3k
-5k
V
(sat)
CE
BE
V
(sat)
B
-5
-50
-1
-5
-10
-50
100
10
1
5
50
f=1MHz
E
I =0
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
ob
CB
3
30
-3
-30
-0.5
I =-1.5mA
B
I =-1.0mA
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com