Electronic Components Datasheet Search
  English  ▼

X  

LT1521 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1521 Datasheet HTML 8Page - Linear Technology LT1521 Datasheet HTML 9Page - Linear Technology LT1521 Datasheet HTML 10Page - Linear Technology LT1521 Datasheet HTML 11Page - Linear Technology LT1521 Datasheet HTML 12Page - Linear Technology LT1521 Datasheet HTML 13Page - Linear Technology LT1521 Datasheet HTML 14Page - Linear Technology LT1521 Datasheet HTML 15Page - Linear Technology LT1521 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1521335fb
©LINEAR TECHNOLOGY CORPORATION 1995
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC
® 1174
425mA High Efficiency Step-Down Switching Regulator
>90% Efficiency, SO-8 Package
LT1175
500mA Micropower Low Dropout Negative Linear Regulator
Selectable Current Limit
LT1120A
125mA Micropower Low Dropout Linear Regulator
20
µA Quiescent Current, Includes Comparator
LT1304
Micropower Step-Up DC/DC Converter
15
µA Quiescent Current, 1.5 Minimum Input
LT1529
3A Micropower Low Dropout Regulator
50
µA Quiescent Current
LT1761
100mA Low Noise Micropower Low Dropout Regulator
IQ = 30µA, Low Noise 20µVRMS, VIN = 1.8V to 20V, ThinSOT
®
LT1762
150mA Low Noise Micropower Low Dropout Regulator
IQ = 30µA, Low Noise 20µVRMS, VIN = 1.8V to 20V, MSOP-8
LT1763
500mA Low Noise Micropower Low Dropout Regulator
IQ = 30µA, Low Noise 20µVRMS, VIN = 1.8V to 20V, SO-8
LT1962
300mA Low Noise Micropower Low Dropout Regulator
IQ = 30µA, Low Noise 20µVRMS, VIN = 1.8V to 20V, MSOP-8
ThinSOT is a registered trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
LT/CPI 0302 REV B 1.5K • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com