Electronic Components Datasheet Search
  English  ▼

X  

LT1521 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1521 Datasheet HTML 2Page - Linear Technology LT1521 Datasheet HTML 3Page - Linear Technology LT1521 Datasheet HTML 4Page - Linear Technology LT1521 Datasheet HTML 5Page - Linear Technology LT1521 Datasheet HTML 6Page - Linear Technology LT1521 Datasheet HTML 7Page - Linear Technology LT1521 Datasheet HTML 8Page - Linear Technology LT1521 Datasheet HTML 9Page - Linear Technology LT1521 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1521335fb
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
0
1000
900
800
700
600
500
400
300
200
100
0
8
LT1521 • TPC18
2
135
79
4
6
10
TJ = 25°C
RLOAD = 75Ω
ILOAD = 50mA*
RLOAD = 150Ω
ILOAD = 25mA*
RLOAD = 375Ω
ILOAD = 10mA*
RLOAD = 3.8k
ILOAD = 1mA*
VOUT = VADJ
*FOR VOUT = 3.75V
INPUT VOLTAGE (V)
0
1000
900
800
700
600
500
400
300
200
100
0
8
LT1521 • TPC16
2
135
79
4
6
10
TJ = 25°C
*FOR VOUT = 5V
RLOAD = 100Ω
ILOAD = 50mA*
RLOAD = 200Ω
ILOAD = 25mA*
RLOAD = 500Ω
ILOAD = 10mA*
RLOAD = 5k
ILOAD = 1mA*
LT1521-5
Ground Pin Current
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
LT1521 • TPC17
2
4
6
10
7
1
3
5
9
TJ = 25°C
*FOR VOUT = 5V
RLOAD = 16.7Ω
ILOAD = 300mA*
RLOAD = 33.3Ω
ILOAD = 150mA*
RLOAD = 50Ω
ILOAD = 100mA*
LT1521-5
Ground Pin Current
LT1521
Ground Pin Current
LT1521
Ground Pin Current
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
LT1521 • TPC19
2
4
6
10
7
1
3
5
9
TJ = 25°C
VOUT = VADJ
*FOR VOUT = 3.75V
RLOAD = 12.5Ω
ILOAD =300mA*
RLOAD = 25Ω
ILOAD =150mA*
RLOAD = 37.5Ω
ILOAD =100mA*
Ground Pin Current
Shutdown Pin Threshold
(On-to-Off)
TEMPERATURE (
°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
LT1521 • TPC21
–25
25
100
125
ILOAD = 1mA
OUTPUT CURRENT (mA)
0
0
2
3
4
5
6
7
50
100
150
200
LT1521 • TPC20
250
8
9
10
1
300
VIN = 3V (LT1521-3)
VIN = 3.3V (LT1521-3.3)
VIN = 5V (LT1521-5)
VIN = 3.75V (LT1521)
DEVICE IS OPERATING
IN DROPOUT
TJ = 125°C
TJ = 55°C
TJ = 25°C
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
LT1521 • TPC13
2
4
6
10
7
1
3
5
9
TJ = 25°C
*FOR VOUT = 3V
RLOAD = 10Ω
ILOAD = 300mA*
RLOAD = 20Ω
ILOAD = 150mA*
RLOAD = 30Ω
ILOAD = 100mA*
INPUT VOLTAGE (V)
0
600
800
1000
900
700
500
300
100
8
LT1521 • TPC14
400
200
0
2
135
79
4
6
10
TJ = 25°C
*FOR VOUT = 3.3V
RLOAD = 66Ω
ILOAD = 50mA*
RLOAD = 132Ω
ILOAD = 25mA*
RLOAD = 330Ω
ILOAD = 10mA*
RLOAD = 3.3k
ILOAD = 1mA*
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
LT1521 • TPC15
2
4
6
10
7
1
3
5
9
RLOAD = 11Ω
ILOAD = 300mA*
RLOAD = 22Ω
ILOAD = 150mA*
RLOAD = 33Ω
ILOAD = 100mA*
TJ = 25°C
*FOR VOUT = 3.3V
LT1521-3.3
Ground Pin Current
LT1521-3.3
Ground Pin Current
LT1521-3
Ground Pin Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com