Electronic Components Datasheet Search
  English  ▼

X  

LT1713 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 1 Page - Linear Technology

  LT1713 Datasheet HTML 1Page - Linear Technology LT1713 Datasheet HTML 2Page - Linear Technology LT1713 Datasheet HTML 3Page - Linear Technology LT1713 Datasheet HTML 4Page - Linear Technology LT1713 Datasheet HTML 5Page - Linear Technology LT1713 Datasheet HTML 6Page - Linear Technology LT1713 Datasheet HTML 7Page - Linear Technology LT1713 Datasheet HTML 8Page - Linear Technology LT1713 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1713/LT1714
Single/Dual, 7ns, Low Power,
3V/5V/
±5V Rail-to-Rail Comparators
The LT
®1713/LT1714 are UltraFastTM 7ns, single/dual
comparators featuring rail-to-rail inputs, rail-to-rail
complementary outputs and an output latch. Optimized
for 3V and 5V power supplies, they operate over a single
supply voltage range from 2.4V to 12V or from
±2.4V to
±6V dual supplies.
The LT1713/LT1714 are designed for ease of use in a
variety of systems. In addition to wide supply voltage
flexibility, rail-to-rail input common mode range extends
100mV beyond both supply rails and the outputs are
protected against phase reversal for inputs extending
further beyond the rails. Also, the rail-to-rail inputs may be
taken to opposite rails with no significant increase in input
current. The rail-to-rail matched complementary outputs
interface directly to TTL or CMOS logic and can sink 10mA
to within 0.5V of GND or source 10mA to within 0.7V of V +.
The LT1713/LT1714 have internal TTL/CMOS compatible
latches for retaining data at the outputs. Each latch holds
data as long as its latch pin is held high. Latch pin
hysteresis provides protection against slow moving or
noisy latch signals. The LT1713 is available in the 8-lead
MSOP package. The LT1714 is available in the 16-lead
narrow SSOP package.
s
Ultrafast: 7ns at 20mV Overdrive
8.5ns at 5mV Overdrive
s
Rail-to-Rail Inputs
s
Rail-to-Rail Complementary Outputs
(TTL/CMOS Compatible)
s
Specified at 2.7V, 5V and
±5V Supplies
s
Low Power (Per Comparator): 5mA
s
Output Latch
s
Inputs Can Exceed Supplies Without Phase Reversal
s
LT1713: 8-Lead MSOP Package
s
LT1714: 16-Lead Narrow SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
High Speed Automatic Test Equipment
s
Current Sense for Switching Regulators
s
Crystal Oscillator Circuits
s
High Speed Sampling Circuits
s
High Speed A/D Converters
s
Pulse Width Modulators
s
Window Comparators
s
Extended Range V/F Converters
s
Fast Pulse Height/Width Discriminators
s
Line Receivers
s
High Speed Triggers
UltraFast is a trademark of Linear Technology Corporation.
LT1713/LT1714 Propagation Delay
vs Input Overdrive
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
A 4
× NTSC Subcarrier Voltage-Tunable Crystal Oscillator
171314 TA01
–
+
LT1713
5V
390
Ω
200pF
* 1% FILM RESISTOR
** NORTHERN ENGINEERING LABS C-2350N-14.31818MHz
5V
FREQUENCY
OUTPUT
3.9k*
VIN
0V TO 5V
1M
MV-209
VARACTOR
DIODE
2k
2k
100pF
15pF
Y1**
100pF
0.047
µF
C SELECT
(CHOOSE FOR CORRECT
PLL LOOP RESPONSE)
1M
1M
1M*
1N4148
LT1004-2.5
47k*
1k*
INPUT OVERDRIVE (mV)
0
6.5
7.0
7.5
tPD
+
tPD
–
30
50
171314 TA02
6.0
5.5
5.0
10
20
40
8.0
8.5
9.0
60
TA = 25°C
V+ = 5V
V– = 0V
VSTEP = 100mV


Similar Part No. - LT1713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1713 ETC1-LT1713 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1713CMS8 LINER-LT1713CMS8 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1713IMS8 LINER-LT1713IMS8 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
More results

Similar Description - LT1713

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
logo
Linear Technology
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Linear Technology
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
Single/Dual, 7ns, Low Power
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
Low-Power Single/Dual-Supply Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com