Electronic Components Datasheet Search
  English  ▼

X  

LT1713 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 3 Page - Linear Technology

  LT1713 Datasheet HTML 1Page - Linear Technology LT1713 Datasheet HTML 2Page - Linear Technology LT1713 Datasheet HTML 3Page - Linear Technology LT1713 Datasheet HTML 4Page - Linear Technology LT1713 Datasheet HTML 5Page - Linear Technology LT1713 Datasheet HTML 6Page - Linear Technology LT1713 Datasheet HTML 7Page - Linear Technology LT1713 Datasheet HTML 8Page - Linear Technology LT1713 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1713/LT1714
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR+
Positive Power Supply Rejection Ratio
2.4V
≤ V+ ≤ 7V, VCM = 0V
65
80
dB
q
60
dB
PSRR–
Negative Power Supply Rejection Ratio
– 7V
≤ V– ≤ 0V, V+ = 5V, VCM = 5V
65
80
dB
q
60
dB
AV
Small-Signal Voltage Gain (Note 10)
1.5
3
V/mV
VOH
Output Voltage Swing HIGH
IOUT = 1mA, V+ = 5V, VOVERDRIVE = 50mV
q
V+ – 0.5 V+ – 0.2
V
IOUT = 10mA, V+ = 5V, VOVERDRIVE = 50mV
q
V+ – 0.7 V+ – 0.4
V
VOL
Output Voltage Swing LOW
IOUT = – 1mA, VOVERDRIVE = 50mV
q
0.20
0.4
V
IOUT = – 10mA, VOVERDRIVE = 50mV
q
0.35
0.5
V
I+
Positive Supply Current (Per Comparator)
V+ = 5V, VOVERDRIVE = 1V
5
6.5
mA
q
8.0
mA
I–
Negative Supply Current (Per Comparator)
V+ = 5V, VOVERDRIVE = 1V
3
4.0
mA
q
4.5
mA
VIH
Latch Pin High Input Voltage
q
2.4
V
VIL
Latch Pin Low Input Voltage
q
0.8
V
IIL
Latch Pin Current
VLATCH = V
+
q
10
µA
tPD
Propagation Delay (Note 6)
∆VIN = 100mV, VOVERDRIVE = 20mV
8.0
11.0
ns
∆VIN = 100mV, VOVERDRIVE = 20mV
q
12.5
ns
∆VIN = 100mV, VOVERDRIVE = 5mV
9.0
ns
∆tPD
Differential Propagation Delay (Note 6)
∆VIN = 100mV, VOVERDRIVE = 20mV
0.5
3
ns
tr
Output Rise Time
10% to 90%
4
ns
tf
Output Fall Time
90% to 10%
4
ns
tLPD
Latch Propagation Delay (Note 7)
8ns
tSU
Latch Setup Time (Note 7)
1.5
ns
tH
Latch Hold Time (Note 7)
0ns
tDPW
Minimum Latch Disable Pulse Width (Note 7)
8
ns
fMAX
Maximum Toggle Frequency
VIN = 100mVP-P Sine Wave
65
MHz
tJITTER
Output Timing Jitter
VIN = 630mVP-P (0dBm) Sine Wave, f = 30MHz
15
psRMS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 2.7V or V+ = 5V, V– = 0V, VCM = V+/2, VLATCH = 0.8V, CLOAD = 10pF, VOVERDRIVE = 20mV, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 5V, V– = – 5V, VCM = 0V, VLATCH = 0.8V, CLOAD = 10pF, VOVERDRIVE = 20mV, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Positive Supply Voltage Range
q
2.4
7
V
V–
Negative Supply Voltage Range (Note 3)
q
–7
0
V
VOS
Input Offset Voltage (Note 4)
RS = 50Ω, VCM = 0V
0.5
3
mV
RS = 50Ω, VCM = 0V
q
4mV
RS = 50Ω, VCM = – 5V
0.7
mV
RS = 50Ω, VCM = 5V
1
mV
∆VOS/∆T Input Offset Voltage Drift
q
5
µV/°C
IOS
Input Offset Current
0.1
1
µA
q
2
µA
IB
Input Bias Current (Note 5)
– 7
– 1.5
2
µA
q
–15
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com