Electronic Components Datasheet Search
  English  ▼

X  

LT2079 Datasheet(PDF) 4 Page - Linear Technology

Part # LT2079
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2079 Datasheet(HTML) 4 Page - Linear Technology

  LT2079 Datasheet HTML 1Page - Linear Technology LT2079 Datasheet HTML 2Page - Linear Technology LT2079 Datasheet HTML 3Page - Linear Technology LT2079 Datasheet HTML 4Page - Linear Technology LT2079 Datasheet HTML 5Page - Linear Technology LT2079 Datasheet HTML 6Page - Linear Technology LT2079 Datasheet HTML 7Page - Linear Technology LT2079 Datasheet HTML 8Page - Linear Technology LT2079 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT2078/LT 2079
20789fa
LT2078AI/LT2079AI
LT2078I/LT2079I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2078
q
90
430
120
600
µV
LT2079
q
100
500
130
700
µV
∆VOS
Input Offset Voltage Drift
LT2078
q
0.5
1.8
0.6
2.5
µV/°C
∆T
(Note 6)
LT2079
q
0.6
3.0
0.7
3.8
µV/°C
IOS
Input Offset Current
q
0.07
0.70
0.1
1.0
nA
IB
Input Bias Current
q
710
7
12
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
q
200
700
150
700
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –14.9V
q
92
110
88
110
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
q
96
110
92
110
dB
Maximum Output Voltage Swing RL = 5k
q
±11.0
±13.5
±11.0
±13.5
V
IS
Supply Current per Amplifier
q
52
80
54
95
µA
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±15V, – 40°C ≤ TA ≤ 85°C for I grades, unless otherwise noted.
LT2078AC/LT2079AC
LT2078C/LT2079C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load
q
150
750
110
750
V/mV
VO = 0.05V to 3.5V, RL = 50k
q
110
500
80
500
V/mV
Maximum Output Voltage
Output Low, No Load
q
4.0
7
4.0
7
mV
Swing
Output Low, ISINK = 100µA
q
105
150
105
150
mV
Output High, No Load
q
4.1
4.3
4.1
4.3
V
Output High, 2k to GND
q
3.3
3.8
3.3
3.8
V
IS
Supply Current per Amplifier
q
40
55
42
63
µA
VS = ±15V, TA = 25°C, unless otherwise noted.
LT2078AC/LT2078AI
LT2078C/LT2078I
LT2079AC/LT2079AI
LT2079C/LT2079I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2078
50
250
70
350
µV
LT2079
60
350
80
450
µV
IOS
Input Offset Current
0.05
0.25
0.05
0.35
nA
IB
Input Bias Current
6
8
6
10
nA
Input Voltage Range
13.5
13.8
13.5
13.8
V
–15.0
–15.3
–15.0
–15.3
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V, –15V
98
114
95
114
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
100
114
98
114
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
1000
5000
1000
5000
V/mV
VO = ±10V, RL = 2k
400
1100
300
1100
V/mV
VOUT
Maximum Output Voltage
RL = 50k
±13.0
±14.0
±13.0
±14.0
V
Swing
RL = 2k
±11.0
±13.2
±11.0
±13.2
V
SR
Slew Rate
0.06
0.10
0.06
0.10
V/
µs
IS
Supply Current per Amplifier
46
65
47
75
µA
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com