Electronic Components Datasheet Search
  English  ▼

X  

LT2079 Datasheet(PDF) 6 Page - Linear Technology

Part # LT2079
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2079 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT2079 Datasheet HTML 2Page - Linear Technology LT2079 Datasheet HTML 3Page - Linear Technology LT2079 Datasheet HTML 4Page - Linear Technology LT2079 Datasheet HTML 5Page - Linear Technology LT2079 Datasheet HTML 6Page - Linear Technology LT2079 Datasheet HTML 7Page - Linear Technology LT2079 Datasheet HTML 8Page - Linear Technology LT2079 Datasheet HTML 9Page - Linear Technology LT2079 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT2078/LT 2079
20789fa
TIME (SEC)
0
8
LT2078/79 • TPC04
2
4
6
10
CHANNEL A
CHANNEL B
TA = 25°C
VS = ±2.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Spectrum
0.01Hz to 10Hz Noise
TIME (SEC)
0
80
LT2078/79 • TPC05
20
40
60
100
CHANNEL B
TA = 25°C
VS = ±2.5V
CHANNEL A
0.4
µV
FREQUENCY (Hz)
0.1
1
100
10
100
30
1000
300
10
1000
LT2078/79 • TPC06
CURRENT
NOISE
VOLTAGE
NOISE
1/f CORNER
0.7Hz
TA = 25°C
VS = ±2.5V
(AT VS = ±15V
VOLTAGE NOISE
IS 4% LESS
CURRENT NOISE
IS UNCHANGED)
Warm-Up Drift
Long Term Stability of Two
Representative Units (LT2078)
10Hz Voltage Noise Distribution
VOLTAGE NOISE DENSITY (nV/
√Hz)
25
LT2078/79 • TPC07
30
35
40
35
30
25
20
15
10
5
0
TA = 25°C
VS = ±2.5V
TIME AFTER POWER-ON (MINUTES)
0
LT2078/79 • TPC09
12
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3
TA = 25°C
VS = ±15V
WARM UP DRIFT
AT VS = 5V, 0V IS
IMMEASURABLY LOW
LT2079
LT2078
TIME (MONTHS)
0
123
4
LT2078/79 • TPC08
5
15
10
5
0
–5
–10
–15
TA = 25°C, VS = 5V, 0V
VCM = 0.1V
1A
2B
1B
2A
Output Voltage Swing vs
Load Current
Output Saturation vs Temperature
vs Sink Current
Minimum Supply Voltage
POSITIVE SUPPLY VOLTAGE (V)
0
100
0
–100
–200
–300
–400
–500
LT2078/79 • TPC10
1
23
V– = 0V
–0.1V
≤ VCM ≤ 0.4V
125
°C
–55
°C
0
°C
25
°C
70
°C
NONFUNCTIONAL
TEMPERATURE (
°C)
–50
1000
100
10
1
–25
125
LT2078/79 • TPC11
0
25
50
100
75
ISINK = 2mA
ISINK = 1mA
ISINK = 100µA
ISINK = 1µA
NO LOAD
RL = 5k TO GND
ISINK = 10µA
VS = 5V, 0V
SOURCING OR SINKING LOAD CURRENT (mA)
0.01
V+
V+ – 1
V+ – 2
V– + 2
V– + 1
V–
10
LT2078/79 • TPC11.5
0.1
1
125
°C
25
°C
–55
°C
125
°C
–55
°C
25
°C
0.1Hz to 10Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com