Electronic Components Datasheet Search
  English  ▼

X  

LT3466 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3466
Description  Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 3 Page - Linear Technology

  LT3466 Datasheet HTML 1Page - Linear Technology LT3466 Datasheet HTML 2Page - Linear Technology LT3466 Datasheet HTML 3Page - Linear Technology LT3466 Datasheet HTML 4Page - Linear Technology LT3466 Datasheet HTML 5Page - Linear Technology LT3466 Datasheet HTML 6Page - Linear Technology LT3466 Datasheet HTML 7Page - Linear Technology LT3466 Datasheet HTML 8Page - Linear Technology LT3466 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT3466
3466fa
ELECTRICAL CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Converter 1 Current Limit
(Note 5)
●
320
400
mA
Converter 2 Current Limit
(Note 5)
●
320
400
mA
Converter 1 VCESAT
ISW1 = 300mA
360
mV
Converter 2 VCESAT
ISW2 = 300mA
360
mV
Switch 1 Leakage Current
VSW1 = 10V
0.01
5
µA
Switch 2 Leakage Current
VSW2 = 10V
0.01
5
µA
CTRL1 Voltage for Full LED Current
●
1.8
V
CTRL2 Voltage for Full LED Current
●
1.8
V
CTRL1 or CTRL2 Voltage to Turn-On the IC
150
mV
CTRL1 and CTRL2 Voltages to Shut Down the IC
50
mV
CTRL1, CTRL2 Pin Bias Current
VCTRL1 = VCTRL2 = 1V
●
810
12
µA
VOUT1 Overvoltage-Lockout Threshold
VOUT1 Rising
39.5
V
VOUT2 Overvoltage-Lockout Threshold
VOUT2 Rising
39.5
V
Schottky 1 Forward Drop
ISCHOTTKY1 = 300mA
0.85
V
Schottky 2 Forward Drop
ISCHOTTKY2 = 300mA
0.85
V
Schottky 1 Reverse Leakage
VOUT1 = 20V
5
µA
Schottky 2 Reverse Leakage
VOUT2 = 20V
5
µA
Soft-Start Time (Switcher 1)
600
µs
Soft-Start Time (Switcher 2)
600
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3466E is guaranteed to meet specified performance from
0
°C to 70°C. Specifications over the –40°C to 85°C operating range are
assured by design, characterization and correlation with statistical process
controls.
TYPICAL PERFOR A CE CHARACTERISTICS
Switching Waveforms
Transient Response
VOUT1
50mV/DIV
VSW1
20V/DIV
IL1
100mA/DIV
VIN = 3.6V
0.5
µs/DIV
3466 G01
CIRCUIT OF FIGURE 1
VOUT1
0.5V/DIV
VCTRL1
2V/DIV
IL1
200mA/DIV
VIN = 3.6V
50
µs/DIV
3466 G02
ILED1 = 20mA TO 10mA
CIRCUIT OF FIGURE 1
Note 3: Current flows out of the pin.
Note 4: Guaranteed by design and test correlation, not production tested.
Note 5: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at high duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com