Electronic Components Datasheet Search
  English  ▼

X  

LT3466 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3466
Description  Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 4 Page - Linear Technology

  LT3466 Datasheet HTML 1Page - Linear Technology LT3466 Datasheet HTML 2Page - Linear Technology LT3466 Datasheet HTML 3Page - Linear Technology LT3466 Datasheet HTML 4Page - Linear Technology LT3466 Datasheet HTML 5Page - Linear Technology LT3466 Datasheet HTML 6Page - Linear Technology LT3466 Datasheet HTML 7Page - Linear Technology LT3466 Datasheet HTML 8Page - Linear Technology LT3466 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT3466
3466fa
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage (VCESAT)
Switch Current Limit vs Duty Cycle
Shutdown Quiescent Current
(CTRL1 = CTRL2 = 0V)
Open-Circuit Clamp Voltage
vs VIN
SWITCH CURRENT (mA)
0
250
300
350
400
3466 G04
200
150
0
100
200
300
50
150
250
350
100
50
450
400
TA = 25°C
VCE1, VCE2
DUTY CYCLE (%)
0
300
400
80
3466 G05
200
100
250
350
450
500
150
50
0
20
40
60
100
TA = –50°C
TA = 85°C
TA = 25°C
VIN (V)
4
60
80
100
20
3466 G06
40
20
50
70
90
30
10
0
8
12
16
6
222
10
14
18
24
TA = –50°C
TA = 100°C
TA = 25°C
VIN (V)
2
39.5
40.0
18
3466 G07
39.0
38.5
6
10 12
24
40.5
14
4
8
20 22
16
VOUT2
VOUT1
TA = 25°C
RT = 63.4k
TEMPERATURE (
°C)
–50
39
40
3466 G08
38
37
0
50
100
42
41
VIN = 3.6V
RT = 63.4k
VOUT2
VOUT1
VIN (V)
2
15
20
25
18
3466 G09
10
5
0
468
10 12 14 16
20 22 24
TA = 25°C
RT = 63.4k
Open-Circuit Clamp Voltage
vs Temperature
Input Current with Output 1 and
Output 2 Open Circuit
VFB vs VCTRL
CONTROL VOLTAGE (V)
0
100
150
2
3466 G03
50
0
0.5
1
1.5
250
200
VIN = 3V
TA = 25°C
Distribution of VFB vs VCTRL
VFB vs VCTRL
(Temperature Variation)
CONTROL VOLTAGE (V)
0
100
150
MAX
±4mV
TYP
MIN
2
3466 G16
50
0
0.5
1
1.5
250
VIN = 3V
TA = 25°C
200
±4mV
CONTROL VOLTAGE (V)
0
100
150
2
3466 G17
50
0
0.5
1
1.5
250
200
±5mV
TA = –45°C
TA = 25°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com