Electronic Components Datasheet Search
  English  ▼

X  

LT3470A Datasheet(PDF) 13 Page - Linear Technology

Part # LT3470A
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3470A Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3470A Datasheet HTML 9Page - Linear Technology LT3470A Datasheet HTML 10Page - Linear Technology LT3470A Datasheet HTML 11Page - Linear Technology LT3470A Datasheet HTML 12Page - Linear Technology LT3470A Datasheet HTML 13Page - Linear Technology LT3470A Datasheet HTML 14Page - Linear Technology LT3470A Datasheet HTML 15Page - Linear Technology LT3470A Datasheet HTML 16Page - Linear Technology LT3470A Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3470A
13
3470afb
APPLICATIONS INFORMATION
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Note that large,
switched currents flow in the power switch, the internal
catch diode and the input capacitor. The loop formed by
these components should be as small as possible. Further-
more, the system ground should be tied to the regulator
ground in only one place; this prevents the switched cur-
rent from injecting noise into the system ground. These
components, along with the inductor and output capacitor,
should be placed on the same side of the circuit board,
and their connections should be made on that layer. Place
a local, unbroken ground plane below these components,
and tie this ground plane to system ground at one location,
ideally at the ground terminal of the output capacitor C2.
Additionally, the SW and BOOST nodes should be kept as
small as possible. Unshielded inductors can induce noise
in the feedback path resulting in instability and increased
output ripple. To avoid this problem, use vias to route the
VOUT trace under the ground plane to the feedback divider
(as shown in Figure 5). Finally, keep the FB node as small
as possible so that the ground pin and ground traces will
shield it from the SW and BOOST nodes. Figure 5 shows
component placement with trace, ground plane and via
locations. Include vias near the GND pin, or pad, of the
LT3470A to help remove heat from the LT3470A to the
ground plane.
Figure 5. A Good PCB Layout Ensures Proper, Low EMI Operation
VOUT
3470a F05
SHDN
VIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com