Electronic Components Datasheet Search
  English  ▼

X  

LT3470A Datasheet(PDF) 2 Page - Linear Technology

Part # LT3470A
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3470A Datasheet(HTML) 2 Page - Linear Technology

  LT3470A Datasheet HTML 1Page - Linear Technology LT3470A Datasheet HTML 2Page - Linear Technology LT3470A Datasheet HTML 3Page - Linear Technology LT3470A Datasheet HTML 4Page - Linear Technology LT3470A Datasheet HTML 5Page - Linear Technology LT3470A Datasheet HTML 6Page - Linear Technology LT3470A Datasheet HTML 7Page - Linear Technology LT3470A Datasheet HTML 8Page - Linear Technology LT3470A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3470A
2
3470afb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SHDN Voltage ................................................... 40V
BOOST Pin Voltage .................................................. 47V
BOOST Pin Above SW Pin........................................ 25V
FB Voltage.................................................................. 5V
BIAS Voltage .............................................................15V
SW Voltage ................................................................VIN
Maximum Junction Temperature
LT3470AE, LT3470AI ........................................ 125°C
LT3470AH......................................................... 150°C
Operating Temperature Range (Note 2)
LT3470AE ............................................– 40°C to 85°C
LT3470AI ........................................... –40°C to 125°C
LT3470AH.......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
TOP VIEW
9
DDB8 PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
FB
BIAS
BOOST
SW
SHDN
NC
VIN
GND
θJA = 80°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3470AEDDB#PBF
LT3470AEDDB#TRPBF
LDPR
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LT3470AIDDB#PBF
LT3470AIDDB#TRPBF
LDPR
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3470AHDDB#PBF
LT3470AHDDB#TRPBF
LDPR
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com