Electronic Components Datasheet Search
  English  ▼

X  

LT3518 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3518
Description  Full-Featured LED Driver with 2.3A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3518 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3518 Datasheet HTML 3Page - Linear Technology LT3518 Datasheet HTML 4Page - Linear Technology LT3518 Datasheet HTML 5Page - Linear Technology LT3518 Datasheet HTML 6Page - Linear Technology LT3518 Datasheet HTML 7Page - Linear Technology LT3518 Datasheet HTML 8Page - Linear Technology LT3518 Datasheet HTML 9Page - Linear Technology LT3518 Datasheet HTML 10Page - Linear Technology LT3518 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3518
7
3518fe
BLOCK DIAGRAM
Figure 1. Buck Mode LED Driver
1V
CTRL
1.01V
1V
1V
10μA
VIN
–
+
–
+
+
+
A1
X10
RSENSE
ISP
ISN
PVIN
PWM
LED ARRAY
A3
A2
SS
–
+
A4
–
+
–
+
A5
–
+
A7
2V
3518 F01
A6
S
MAIN SWITCH
DRIVER
ERROR
AMPLIFIER
CURRENT
SENSE
AMPLIFIER
PWM
COMPARATOR
R
Q1
MAIN
SWITCH
Q
TG
VISP
VISP – 7V
MOSFET DRIVER
TGEN
CFILT
SW
SW
GND
CIN
SHDN
FB
VC
SYNC
SS
RT
VIN
FREQ
ADJUST
A8
VREF
RAMP
GENERATOR
2.5MHz TO 250kHz
OSCILLATOR
+
100μA
VIN
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com