Electronic Components Datasheet Search
  English  ▼

X  

LT3518 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3518
Description  Full-Featured LED Driver with 2.3A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3518 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3518 Datasheet HTML 5Page - Linear Technology LT3518 Datasheet HTML 6Page - Linear Technology LT3518 Datasheet HTML 7Page - Linear Technology LT3518 Datasheet HTML 8Page - Linear Technology LT3518 Datasheet HTML 9Page - Linear Technology LT3518 Datasheet HTML 10Page - Linear Technology LT3518 Datasheet HTML 11Page - Linear Technology LT3518 Datasheet HTML 12Page - Linear Technology LT3518 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3518
9
3518fe
Dimming Control
There are two methods to control the current source for
dimming using the LT3518. The first method uses the
PWM pin to modulate the current source between zero
and full current to achieve a precisely programmed aver-
age current. To make this method of current control more
accurate, the switch demand current is stored on the VC
node during the quiescent phase. This feature minimizes
recovery time when the PWM signal goes high. To further
improve the recovery time, a disconnect switch is used in
the LED current path to prevent the output capacitor from
discharging in the PWM signal low phase. The minimum
PWM on or off time will depend on the choice of operating
frequency through RT input pin or SYNC pin. When us-
ing the SYNC function, the SYNC and PWM signals must
have the aligned rising edges to achieve the optimized
high PWM dimming ratio. For best current accuracy, the
minimum PWM low or high time should be at least six
switching cycles (3μs for fSW = 2MHz). Maximum PWM
period is determined by the system and is unlikely to be
longer than 12ms. The maximum PWM dimming ratio
(PWMRATIO) can be calculated from the maximum PWM
period (tMAX) and the minimum PWM pulse width (tMIN)
as follows:
PWMRATIO =
tMAX
tMIN
(1)
Example:
tMAX = 9ms, tMIN = 3μs (fSW = 2MHz)
PWMRATIO = 9ms/3μs = 3000:1
The second method of dimming control uses the CTRL
pin to linearly adjust the current sense threshold during
the PWM high state. When the CTRL pin voltage is less
than 1V, the LED current is:
ILED =
VCTRL
10 • RSENSE
(2)
Figure 2
Figure 3
APPLICATIONS INFORMATION
When VCTRL is higher than 1V, the LED current is clamped
to be:
ILED =
100mV
RSENSE
(3)
The LED current programming feature possibly increases
total dimming range by a factor of ten.
49.9k
3518 F02
45.3k
2V
VREF
5k
PTC
CTRL
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a PTC thermistor to provide overtemperature protection
for the LED load.
Setting Output Voltage
For a boost application, the output voltage can be set by
selecting the values of R1 and R2 (see Figure 3) according
to the following equation:
VOUT =
R1
R2
+1
⎛
⎝
⎜
⎞
⎠
⎟ • 1.01V
(4)
LT3518
FB
R1
VOUT
R2
3518 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com