Electronic Components Datasheet Search
  English  ▼

X  

RM0319 Datasheet(PDF) 328 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 328 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 324Page - STMicroelectronics RM0319 Datasheet HTML 325Page - STMicroelectronics RM0319 Datasheet HTML 326Page - STMicroelectronics RM0319 Datasheet HTML 327Page - STMicroelectronics RM0319 Datasheet HTML 328Page - STMicroelectronics RM0319 Datasheet HTML 329Page - STMicroelectronics RM0319 Datasheet HTML 330Page - STMicroelectronics RM0319 Datasheet HTML 331Page - STMicroelectronics RM0319 Datasheet HTML 332Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 368 page
background image
Power, reset and clock control
RM0319
328/368
Doc ID 022640 Rev 3
30.3
Power management techniques
Power consumption is an important design aspect of any modern system. Power
management techniques allow power consumption to be reduced by ensuring that system
performance is adapted dynamically to the application requirements.
30.3.1
Dynamic Frequency Scaling (applicable in NORMAL state)
This technique uses dynamic selection of the optimal frequency to allow a task to be
performed in the required amount of time.
As described in Section 30.5: Clock control, PLL1 (Sys) provides frequency to the system.
By default, DRAM is driven by PLL1, this mode is called synchronous DRAM. It is also
possible to use PLL2 to drive DRAM, this mode is called asynchronous DRAM.
In asynchronous DRAM mode, you can change the system frequency (PLL1) without
affecting DRAM operations. For this reason, to apply the Dynamic Frequency Scaling
System, the asynchronous DRAM mode must be used.
Frequency changes are applied with a small delay, due to the PLL lock time.
Changing the PLL frequency in NORMAL state generates undesirable frequency
overshoot/undershoot. To avoid this, it is better to switch to Slow state, change PLL
frequency, disable Dithering (if enabled), wait for the PLLlock signal, switch again to Normal
mode and enable Dithering again (if it was originally enabled).
There are two ways to wait PLL stabilization, by software and by hardware, see
Section 30.1.3: SLOW for details.
30.3.2
Dynamic clock switching
Like DFS, Dynamic Clock Switching (DCS) is a power-management technique aimed at
reducing active power consumption of a device, whereas DFS change frequency of all
modules using CLK_Pll1 signal. DCS could switch OFF completely the clock of an unused
modules and quickly switch ON when its use is required.
With this technique the processor, or system, could run at maximum frequency maintained
highest performances.
To have maximum flexibility DCS is fully software controlled through PERIP1_CLK_ENB
register.
DCS is useful when a real-time application is waiting for an event. The system can switch
OFF clock of modules not used and enable them, with a low latency, when needed.
Modules that support this feature are shown in Table 118
Table 118.
Modules supporting DCS technique
Module
Module
Module
C3
GPIO
SPI
SDRAM
RTC
UART
USB 2.0 host
ADC
ARM subsystem
USB 2.0 device
Timer 2
ARM
Ethernet
Timer 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com