Electronic Components Datasheet Search
  English  ▼

X  

LT6411 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6411
Description  650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6411 Datasheet HTML 8Page - Linear Technology LT6411 Datasheet HTML 9Page - Linear Technology LT6411 Datasheet HTML 10Page - Linear Technology LT6411 Datasheet HTML 11Page - Linear Technology LT6411 Datasheet HTML 12Page - Linear Technology LT6411 Datasheet HTML 13Page - Linear Technology LT6411 Datasheet HTML 14Page - Linear Technology LT6411 Datasheet HTML 15Page - Linear Technology LT6411 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT6411
13
6411f
TYPICAL APPLICATIONS
Figure 9. 2-Tone Response of the LT6411 Configured with
Single-Ended Inputs Driving the LTC2249 at 29.5MHz, 30.5MHz
Twisted-Pair Line Driver
The LT6411 is ideal when used for driving inexpensive
unshielded twisted-pair wires as often found in telephone
or communications infrastructure. The input can be com-
posite video, or if three parts are used, RGB or similar and
can be either single ended or differential. The LT6411 has
excellent performance with all formats.
Double termination of the video cable will enhance fidelity
and isolate the LT6411 from capacitive loads. Although
most twisted-pair cables have a characteristic impedance
Figure 10. Twisted-Pair Driver
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
5
15
20
40
6411 F09
–20
–60
–130
–110
–90
–10
–50
–30
–70
10
25
30
35
32768 POINT FFT
TONE 1 AT 29.5MHz, –7dBFS
TONE 2 AT 30.5MHz, –7dBFS
IM3 = –90dBc
13
50
Ω
100
Ω
50
Ω
5V
–5V
6,9,10
1,2,3,7
6411 F10
RECEIVER
5
LT6411
AV = 2
IN+
IN–
+
–
14
15
16
11,12
of 100
Ω, the cables can be terminated with a smaller
series resistance or a larger shunt resistance in order to
compensate for attenuation. A typical circuit for a twisted-
pair driver is shown in Figure 10.
Single Supply Differential ADC Driver
The LT6411 is well suited for driving differential analog
to digital converters. The low output impedance of the
LT6411 is capable of driving a variety of filters as well as
interfacing with the typically high impedance inputs of
ADCs. In addition, the LT6411’s excellent distortion allows
the part to perform with an SFDR below the limits of many
high speed ADCs. The DC1057 demo board, shown sche-
matically in Figure 11 and physically in Figure 12, allows
implementation and testing of the LT6411 with a variety
of different Linear Technology high speed ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com