Electronic Components Datasheet Search
  English  ▼

X  

LT6411 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6411
Description  650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 3 Page - Linear Technology

  LT6411 Datasheet HTML 1Page - Linear Technology LT6411 Datasheet HTML 2Page - Linear Technology LT6411 Datasheet HTML 3Page - Linear Technology LT6411 Datasheet HTML 4Page - Linear Technology LT6411 Datasheet HTML 5Page - Linear Technology LT6411 Datasheet HTML 6Page - Linear Technology LT6411 Datasheet HTML 7Page - Linear Technology LT6411 Datasheet HTML 8Page - Linear Technology LT6411 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6411
3
6411f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Output Short-Circuit Current
RL = 0Ω, VIN = ±1V
●
±50
±105
mA
SR
Slew Rate
±1V on ±2V Output Step (Note 9)
1700
3300
V/µs
–3dB BW
Small-Signal –3dB Bandwidth
VOUT = 200mVP-P, Single Ended
650
MHz
0.1dB BW
Gain Flatness ±0.1dB Bandwidth
VOUT = 200mVP-P, Single Ended
200
MHz
FPBW
Full Power Bandwidth 2V Differential
VOUT = 2VP-P Differential, –3dB
600
MHz
Full Power Bandwidth 2V
VOUT = 2VP-P (Note 7)
270
525
MHz
Full Power Bandwidth 4V
VOUT = 4VP-P (Note 7)
263
MHz
All Hostile Crosstalk
f = 10MHz, VOUT = 2VP-P
f = 100MHz, VOUT = 2VP-P
–75
–50
dB
dB
ts
Settling Time
0.1% to VFINAL, VSTEP = 2V
6
ns
tr, tf
Small-Signal Rise and Fall Time
10% to 90%, VOUT = 200mVP-P
550
ps
dG
Differential Gain
(Note 8)
0.02
%
dP
Diffierential Phase
(Note 8)
0.01
Deg
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, AV = 2, RL = 150Ω, CL = 1.5pF, VEN = 0.4V, VDGND = 0V,
unless otherwise noted.
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VEE = 0V, AV = 2, No RLOAD, VEN = 0.4V, VDGND = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Noise/Harmonic Performance Input/Output Characteristics
1MHz Signal
HD
Second/Third Harmonic Distortion
2VP-P Differential
2VP-P Differential, RL = 200Ω Differential
–88
–87
dBc
dBc
IMD31M
Third-Order IMD
2VP-P Differential Composite, f1 = 0.95MHz,
f2 = 1.05MHz
–93
dBc
2VP-P Differential Composite, f1 = 0.95MHz,
f2 = 1.05MHz, RL = 200Ω Differential
–91
dBc
OIP31M
Output Third-Order Intercept
Differential, f1 = 0.95MHz, f2 = 1.05MHz (Note 10)
49.5
dBm
NF
Noise Figure
Single Ended
25.1
dB
en1M
Input Referred Noise Voltage Density
8
nV/√Hz
P1dB
1dB Compression Point
(Note 10)
19.5
dBm
10MHz Signal
HD
Second/Third Harmonic Distortion
2VP-P Differential
2VP-P Differential, RL = 200Ω Differential
–85
–76
dBc
dBc
IMD310M
Third-Order IMD
2VP-P Differential Composite, RL = 1k,
f1 = 9.5MHz, f2 = 10.5MHz
–92
dBc
2VP-P Differential Composite, f1 = 9.5MHz,
f2 = 10.5MHz, RL = 200Ω Differential
–89
dBc
OIP310M
Output Third-Order Intercept
Differential, f1 = 9.5MHz, f2 = 10.5MHz (Note 10)
49
dBm
NF
Noise Figure
Single Ended
24.7
dB
en10M
Input Referred Noise Voltage Density
7.7
nV/√Hz
P1dB
1dB Compression Point
(Note 10)
19.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com