Electronic Components Datasheet Search
  English  ▼

X  

LT6550 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6550
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6550 Datasheet HTML 8Page - Linear Technology LT6550 Datasheet HTML 9Page - Linear Technology LT6550 Datasheet HTML 10Page - Linear Technology LT6550 Datasheet HTML 11Page - Linear Technology LT6550 Datasheet HTML 12Page - Linear Technology LT6550 Datasheet HTML 13Page - Linear Technology LT6550 Datasheet HTML 14Page - Linear Technology LT6550 Datasheet HTML 15Page - Linear Technology LT6550 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT6550/LT6551
14
65501fa
+
–
450
Ω
450
Ω
+
–
450
Ω
450
Ω
+
–
450
Ω
450
Ω
1
R
G
B
PR
Y
PB
2
3
45
9
10
8
7
1070
Ω
549
Ω
2940
Ω
75
Ω
75
Ω
174
Ω
LT6550
261
Ω
75
Ω
–3.3V
3.3V
3.3V
+
–
450
Ω
450
Ω
+
–
450
Ω
450
Ω
+
–
450
Ω
450
Ω
1
2
3
45
9
10
8
7
105
Ω
75
Ω
133
Ω
LT6550
–3.3V
6550/51 TAO3
Y = 0.299R + 0.587G + 0.114B
PB = 0.565(B – Y)
PR = 0.713(R – Y)
f3dB ≈ 44MHz
RGB to YPBPR Component-Video Conversion
TYPICAL APPLICATIO
Consumer products require generation of YPBPR lumi-
nance/chrominance component signals, often from RGB
source content. The YPBPR format has a luminance signal
and two weighted color difference signals at baseband.
Even with their fixed internal gain resistors, two LT6550s
connected as shown easily implement the required con-
version matrix equations. The Y channel is a weighted
average of the 2X amplified RGB signals and with the
feedback connection of the Y channel output in the second
LT6550 back to the gain-resistor common pin, an implicit
Y subtraction is performed for the chroma channels and
the desired unity gain is produced for the Y-channel. The
necessary scaling of the color-difference signals is per-
formed passively by their respective output termination
resistor networks. Since this circuit naturally produces
bipolar chroma signals (
±0.35V at the cable load) regard-
less of RGB offset, the simplest implementation is to
power the circuit with
±3.3V split supplies. With an avail-
able output swing of about 5.6V for this supply configura-
tion, the circuit handles video with composite syncs and/
or various offsets without difficulty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com