Electronic Components Datasheet Search
  English  ▼

X  

LT6550 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6550
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550 Datasheet(HTML) 5 Page - Linear Technology

  LT6550 Datasheet HTML 1Page - Linear Technology LT6550 Datasheet HTML 2Page - Linear Technology LT6550 Datasheet HTML 3Page - Linear Technology LT6550 Datasheet HTML 4Page - Linear Technology LT6550 Datasheet HTML 5Page - Linear Technology LT6550 Datasheet HTML 6Page - Linear Technology LT6550 Datasheet HTML 7Page - Linear Technology LT6550 Datasheet HTML 8Page - Linear Technology LT6550 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT6550/LT6551
5
65501fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage and
how many amplifiers are shorted.
Note 3: The LT6550C/LT6551C are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet specified performance from –40
°C to 85°C but are not
tested or QA sampled at these temperatures. The LT6550I/LT6551I are
guaranteed to meet specified performance from – 40
°C to 85°C.
Note 4: Thermal resistance varies depending upon the amount of PC board
metal attached to Pin 5 of the device.
θJA is specified for a 2500mm2 test
board covered with 2oz copper on both sides.
Note 5: Gain is measured by changing the input voltage, and dividing the
change in output voltage by the change in input voltage.
Note 6: Minimum supply voltage is guaranteed by the PSRR test.
Note 7: The supply current specification includes additional output current
through the internal feedback and gain resistor.
Note 8: Guaranteed by correlation to slew rate at 5V and
±5V.
Note 9: The inputs are protected from ESD with diodes to the supplies.
Note 10: Noise is input referred, including internal gain resistors.
(LT6550 Only) The
● denotes the specifications which apply over
the specified temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, VIN = 0V (Pins 1,2,3) VGND = 0V (Pin 4) unless
otherwise noted.
±5V ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current per Amplifier
8.5
10.5
mA
●
12
mA
Slew Rate
RL = 150Ω, VOUT = –3V to 3V,
400
600
V/
µs
Measured from –2V to 2V
●
300
V/
µs
Small Signal –3dB Bandwidth
RL = 150Ω
90
MHz
Gain Flatness
Less than 0.25dB
30
MHz
Gain Matching
Any One Channel to Any Other Channel
0.15
dB
Settling Time to 3%
RL = 150Ω, VOUT = 1V to 2.5V
20
ns
Settling Time to 1%
RL = 150Ω, VOUT = 1V to 2.5V
30
ns
% Overshoot
VOUT = 1V to 2.5V, RL = 150Ω
5%
Differential Gain
RL = 150Ω, Black Level = 0V at Device Output
0.15
%
Differential Phase
RL = 150Ω, Black Level = 0V at Device Output
0.09
Deg
Channel Separation
Measured at 10MHz
60
dB
Supply Current Per Amplifier vs
Supply Voltage
Output Voltage vs Input Voltage
Input Bias Current vs
Temperature
VCC (V)
0
14
12
10
8
6
4
2
0
6550/51 G01
2
10
9
8
7
6
5
1
34
VIN (V)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
6550/51 G02
0.4
2.0
1.8
1.6
1.4
1.2
1.0
0.2
0.6 0.8
TEMPERATURE (
°C)
–50
–10
–11
–12
–13
–14
–15
–16
–17
–18
–19
–20
0
50
75
6550/51 G03
–25
25
100
125
TA = –55°C
TA = 25°C
VS = 3.3V, 0V
RL = 150Ω
VIN = 0.75V
RL = ∞
GND = 0V
VS = 5V, 0V
VOUT = 2.5V
TA = 125°C
TA = –55°C
TA = 25°C
TA = 125°C
5V/3.3V TYPICAL PERFOR A CE CHARACTERISTICS
VEE (Pin 5) = 0V (LT6550), GND (Pin 5) = 0V (LT6551)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com