Electronic Components Datasheet Search
  English  ▼

X  

AN4080 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 22Page - STMicroelectronics AN4080 Datasheet HTML 23Page - STMicroelectronics AN4080 Datasheet HTML 24Page - STMicroelectronics AN4080 Datasheet HTML 25Page - STMicroelectronics AN4080 Datasheet HTML 26Page - STMicroelectronics AN4080 Datasheet HTML 27Page - STMicroelectronics AN4080 Datasheet HTML 28Page - STMicroelectronics AN4080 Datasheet HTML 29Page - STMicroelectronics AN4080 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Reference design
AN4080
26/35
DocID023035 Rev 4
6
Reference design
6.1
Description
The reference design shown in Figure 11, introduces the STM32F051, a highly integrated
microcontroller running at 48 MHz, that combines the Cortex®-M0 32-bit RISC CPU core
with 64 Kbytes of embedded Flash memory and 8 Kbytes of SRAM
.
For the STM32F058 reference design, refer to Figure 12. These reference design can be
tailored to any other STM32F058 device with a different package, using the pin
correspondence given in the corresponding datasheet.
For the STM32F072 reference design, refer to Figure 13. These reference design can be
tailored to any other STM32F072 device with a different package, using the pin
correspondence given in the corresponding datasheet.
6.1.1
Clock
Two clock sources are used for the microcontroller:
•
HSE: X1– 8 MHz crystal for the STM32F0xx microcontroller
•
LSE: X2– 32.768 kHz crystal for the embedded RTC
Refer to Section 2: Clocks on page 15.
6.1.2
Reset
The reset signal in Figure 11 or Figure 12 is active low. The reset sources include:
•
Reset button (B1)
•
Debugging tools via the connector CN1
Refer to Section 1.2.3: System reset on page 12.
6.1.3
STM32F0x8 power-on reset
On the STM32F0x8 line, the power-on reset signal is active low and must be provided
externally by the application on NPOR pin. It is maintained to VDDA through an integrated
pull-up resistor.
Refer to Section 1.2.2: External power-on reset and power-down reset (NPOR) of the
STM32F0x8 devices on page 11.
6.1.4
Boot mode
The boot option is configured by setting BOOT0 through switch SW1 and option bit
nBOOT1. Refer to Section 3: Boot configuration on page 20.
6.1.5
SWD interface
The reference design shows the connection between the STM32F0xx and a standard SWD
connector. Refer to Section 4: Debug management on page 22.
Note:
It is recommended to connect the reset pin in order to be able to reset the application from
the tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com