Electronic Components Datasheet Search
  English  ▼

X  

AN4080 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 27Page - STMicroelectronics AN4080 Datasheet HTML 28Page - STMicroelectronics AN4080 Datasheet HTML 29Page - STMicroelectronics AN4080 Datasheet HTML 30Page - STMicroelectronics AN4080 Datasheet HTML 31Page - STMicroelectronics AN4080 Datasheet HTML 32Page - STMicroelectronics AN4080 Datasheet HTML 33Page - STMicroelectronics AN4080 Datasheet HTML 34Page - STMicroelectronics AN4080 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Revision history
AN4080
34/35
DocID023035 Rev 4
8
Revision history
Table 11. Document revision history
Date
Revision
Changes
11-Jul-2012
1
Initial release.
11-Feb-2013
2
Added Chapter 3: Power supplies of the STM32F06x family.
Modified Chapter 6: Reference design.
Modified Table 7: STM32F1 series and STM32F03x/5x device pinout
differences.
02-Oct-2014
3
Document reformatted.
Renamed part numbers.
Updated:
– Section 1: Power supplies and reset sources of the STM32F0xx
family: grouped together information for STM32F05x and
STM32F06x devices.
– Section 2: Clocks
– Section 4.3.4: SWD port connection with standard SWD connector
– Section 5.3: Ground and power supply (VDD, VDDA, VDDIO2)
– Section 3: Boot configuration
– Table 1: Applicable products and Table 7: STM32F1 series and
STM32F03x/5x device pinout differences
– Figure 1: Power supply scheme of STM32F0x1/x2 devices,
Figure 5: Simplified diagram of the reset circuit and Figure 9: SWD
port connection
– Section 7: Hardware migration from STM32F1 to STM32F0 series
– Figure 11: STM32F051R8 microcontroller reference schematic
Added:
– Figure 2: Power supply scheme of STM32F0x8 devices
– Section 2.6: HSI 48 MHz clock
– Table 9: STM32F1 series and STM32F07x device pinout
differences
– Table 8: STM32F1 series and STM32F04x device pinout
differences
– Figure 12: STM32F058R8 microcontroller reference schematic
– Figure 13: STM32F072 microcontroller reference schematics
– Table 10: STM32F1 series and STM32F09x device pinout
differences
07-Nov-2014
4
Improved the rendering of Figure 7: HSE/ LSE clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com