Electronic Components Datasheet Search
  English  ▼

X  

LT6554 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6554
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554 Datasheet(HTML) 3 Page - Linear Technology

  LT6554 Datasheet HTML 1Page - Linear Technology LT6554 Datasheet HTML 2Page - Linear Technology LT6554 Datasheet HTML 3Page - Linear Technology LT6554 Datasheet HTML 4Page - Linear Technology LT6554 Datasheet HTML 5Page - Linear Technology LT6554 Datasheet HTML 6Page - Linear Technology LT6554 Datasheet HTML 7Page - Linear Technology LT6554 Datasheet HTML 8Page - Linear Technology LT6554 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6554
3
6554fa
LSBW
Large Signal Bandwidth
VOUT = 2VP-P (Note 7)
270
400
MHz
VOUT = 4VP-P (Note 7)
200
MHz
All-Hostile Crosstalk
f = 10MHz, VOUT = 2VP-P
–90
dB
f = 100MHz, VOUT = 2VP-P
–60
dB
tS
Settling Time
0.1% of VFINAL, VSTEP = 2V
6
ns
tR, tF
Small-Signal Rise and Fall Time
10% to 90%, VOUT = 200mVP-P
550
ps
dG
Differential Gain
(Note 8)
0.022
%
dP
Differential Phase
(Note 8)
0.006
Deg
HD2
2nd Harmonic Distortion
f = 10MHz, VOUT = 2VP-P
–82
dBc
HD3
3rd Harmonic Distortion
f = 10MHz, VOUT = 2VP-P
–96
dBc
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, RL = 1k, CL = 1.5pF, VEN = 0.4V, VAGND, VDGND = 0V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This parameter is guaranteed to meet specified performance
through design and characterization. It is not production tested.
Note 3: As long as output current and junction temperature are kept below
the Absolute Maximum Ratings, no damage to the part will occur.
Depending on the supply voltage, a heat sink may be required.
Note 4: The LT6554C is guaranteed functional over the operating
temperature range of –40°C to 85°C.
Note 5: The LT6554C is guaranteed to meet specified performance from
0°C to 70°C. The LT6554C is designed, characterized and expected to
meet specified performance from –40°C and 85°C but is not tested or QA
sampled at these temperatures. The LT6554I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 6: The two supply voltage settings for power supply rejection are
shifted from the typical ±VS points for ease of testing. The first
measurement is taken at V+ = 3V, V– = –1.5V to provide the required 3V
headroom for the enable circuitry to function with EN, DGND, AGND and
all inputs connected to 0V. The second measurement is taken at V+ = 8V,
V– = –4V.
Note 7: Large signal bandwidth is calculated from the slew rate:
LSBW = SR/(π • VP-P)
Note 8: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R video
measurement set. The resolution of this equipment is better than 0.05%
and 0.05°. Nine identical amplifier stages were cascaded giving an
effective resolution of better than 0.0056% and 0.0056°.
Note 9: Slew rate is 100% production tested on the G channel. Slew rate
of the R and B channels is guaranteed through design and
characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com