Electronic Components Datasheet Search
  English  ▼

X  

LT6554 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6554
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6554 Datasheet HTML 2Page - Linear Technology LT6554 Datasheet HTML 3Page - Linear Technology LT6554 Datasheet HTML 4Page - Linear Technology LT6554 Datasheet HTML 5Page - Linear Technology LT6554 Datasheet HTML 6Page - Linear Technology LT6554 Datasheet HTML 7Page - Linear Technology LT6554 Datasheet HTML 8Page - Linear Technology LT6554 Datasheet HTML 9Page - Linear Technology LT6554 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT6554
6
6554fa
6554 G23
6554 G24
6554 G19
6554 G25
6554 G21
6554 G22
6554 G20
TIME (ns)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
4
8
12
16
20
2
0
6
10
14
18
VIN = 2VP–P
VS = ±5V
RL = 1k
TA = 25°C
TIME (ns)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
4
8
12
16
20
2
0
6
10
14
18
VIN = 100mVP–P
VS = ±5V
RL = 1k
TA = 25°C
TIME (ns)
0.9
0.7
0.8
0.6
0.4
0.3
0.5
0.2
0.1
0
–0.1
4
8
12
16
20
2
0
6
10
14
18
VIN = 700mVP–P
VS = ±5V
RL = 1k
TA = 25°C
TIME (ns)
4
2
3
1
–1
0
–2
–3
–4
4
8
12
16
20
2
0
6
10
14
18
VIN = 5VP–P
VS = ±5V
RL = 1k
TA = 25°C
CAPACITIVE LOAD (pF)
1
35
30
25
20
15
10
5
0
10
100
1000
VOUT = 2VP–P
VS = ±5V
RL = 1k
TA = 25°C
GAIN ERROR–INDIVIDUAL CHANNEL (%)
–1.1
–0.9
35
30
25
20
15
10
5
0
40
35
30
25
20
15
10
5
0
–0.7
–0.1
–0.5
–0.3
GAIN ERROR BETWEEN CHANNELS (%)
–0.10
–0.02
0.10
–0.06
0.02
0.06
VS = ±5V
VOUT = ±2V
RL = 1k
TA = 25°C
VS = ±5V
VOUT = ±2V
RL = 1k
TA = 25°C
AC PEAKING
>2dB
Large Signal Transient Response
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Error Distribution
Gain Error Matching Distribution
Small Signal Transient Response
Large Signal Transient Response
Video Amplitude Transient
Response
Maximum Capacitive Load vs
Output Series Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com