Electronic Components Datasheet Search
  English  ▼

X  

LTC1864L Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1864L
Description  Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864L Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1864L Datasheet HTML 8Page - Linear Technology LTC1864L Datasheet HTML 9Page - Linear Technology LTC1864L Datasheet HTML 10Page - Linear Technology LTC1864L Datasheet HTML 11Page - Linear Technology LTC1864L Datasheet HTML 12Page - Linear Technology LTC1864L Datasheet HTML 13Page - Linear Technology LTC1864L Datasheet HTML 14Page - Linear Technology LTC1864L Datasheet HTML 15Page - Linear Technology LTC1864L Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1864L/LTC1865L
sn18645L 18645Lfs
APPLICATIO S I FOR ATIO
Component Side Silk Screen for LTC1864L Evaluation Circuit
Component Side Showing Traces
(Note Wider Traces on Analog Side)
Bottom Side Showing Traces
(Note Almost No Analog Traces on Board Bottom)
Ground Layer with Separate Analog and Digital Grounds
Supply Layer with 5V Digital Supply and Analog Ground Repeated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com