Electronic Components Datasheet Search
  English  ▼

X  

LTC1864L Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1864L
Description  Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864L Datasheet(HTML) 2 Page - Linear Technology

  LTC1864L Datasheet HTML 1Page - Linear Technology LTC1864L Datasheet HTML 2Page - Linear Technology LTC1864L Datasheet HTML 3Page - Linear Technology LTC1864L Datasheet HTML 4Page - Linear Technology LTC1864L Datasheet HTML 5Page - Linear Technology LTC1864L Datasheet HTML 6Page - Linear Technology LTC1864L Datasheet HTML 7Page - Linear Technology LTC1864L Datasheet HTML 8Page - Linear Technology LTC1864L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1864L/LTC1865L
sn18645L 18645Lfs
Operating Temperature Range
LTC1864LC/LTC1865LC/
LTC1864LAC/LTC1865LAC .................... 0°C to 70°C
LTC1864LI/LTC1865LI/
LTC1864LAI/LTC1865LAI ................. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
Supply Voltage (VCC) ................................................. 7V
Ground Voltage Difference
AGND, DGND LTC1865L MSOP Package ......... ±0.3V
Analog Input ............... (GND – 0.3V) to (VCC + 0.3V)
Digital Input ................................ (GND – 0.3V) to 7V
Digital Output .............. (GND – 0.3V) to (VCC + 0.3V)
Power Dissipation .............................................. 400mW
(Notes 1, 2)
ORDER PART
NUMBER
MS8 PART MARKING
MS PART MARKING
LTJ4
LTC1865LCMS
LTC1865LIMS
LTC1865LACMS
LTC1865LAIMS
ORDER PART
NUMBER
LTC1864LCMS8
LTC1864LIMS8
LTC1864LACMS8
LTC1864LAIMS8
LTC7
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 210°C/W
1
2
3
4
VREF
IN+
IN¯
GND
8
7
6
5
VCC
SCK
SDO
CONV
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
S8 PART MARKING
S8 PART MARKING
1864L
1864LI
LTC1864LCS8
LTC1864LIS8
LTC1864LACS8
LTC1864LAIS8
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
1864LA
864LAI
1865L
1865LI
LTC1865LCS8
LTC1865LIS8
LTC1865LACS8
LTC1865LAIS8
1865LA
865LAI
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CONV
CH0
CH1
GND
VCC
SCK
SDO
SDI
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
5
CONV
CH0
CH1
AGND
DGND
10
9
8
7
6
VREF
VCC
SCK
SDO
SDI
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
●
LTC1864L/LTC1865L
LTC1864LA/LTC1865LA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
●
16
16
Bits
No Missing Codes Resolution
●
14
15
Bits
INL
(Note 3)
●
±8
±6
LSB
Transition Noise
2
2
LSBRMS
Gain Error
●
±20
±20
mV
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 2.7V, VREF = 2.5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com