Electronic Components Datasheet Search
  English  ▼

X  

AN4228 Datasheet(PDF) 61 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 57Page - STMicroelectronics AN4228 Datasheet HTML 58Page - STMicroelectronics AN4228 Datasheet HTML 59Page - STMicroelectronics AN4228 Datasheet HTML 60Page - STMicroelectronics AN4228 Datasheet HTML 61Page - STMicroelectronics AN4228 Datasheet HTML 62Page - STMicroelectronics AN4228 Datasheet HTML 63Page - STMicroelectronics AN4228 Datasheet HTML 64Page - STMicroelectronics AN4228 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
DocID024110 Rev 5
61/90
AN4228
Firmware migration using the library
89
4.11
Backup data registers
In STM32F1 series, the Backup data registers are managed through the BKP peripheral,
while in STM32F3 series they are a part of the RTC peripheral (there is no BKP peripheral).
The example below shows how to write to/read from Backup data registers in STM32F1
series:
uint16_t BKPdata = 0;
...
/* Enable APB2 interface clock for PWR and BKP */
_APB1PeriphClockCmd(_APB1Periph_PWR | _APB1Periph_BKP, ENABLE);
/* Enable write access to Backup domain */
PWR_BackupAccessCmd(ENABLE);
/* Write data to Backup data register 1 */
NA
void PWR_EnterSleepMode(uint8_t
PWR_SLEEPEntry);
void PWR_EnterSTOPMode(uint32_t
PWR_Regulator, uint8_t PWR_STOPEntry);
void PWR_EnterSTOPMode(uint32_t
PWR_Regulator, uint8_t PWR_STOPEntry);
void PWR_EnterSTANDBYMode(void);
void PWR_EnterSTANDBYMode(void);
FlagStatus PWR_GetFlagStatus(uint32_t
PWR_FLAG);
FlagStatus PWR_GetFlagStatus(uint32_t
PWR_FLAG);
void PWR_ClearFlag(uint32_t PWR_FLAG);
void PWR_ClearFlag(uint32_t PWR_FLAG);
1.
Additional Wake-up pins are available on STM32F3 series.
Table 25. STM32F10x and STM32F3xx PWR driver API correspondence (continued)
STM32F10x PWR driver API
STM32F3xx PWR driver API
Color key:
= New function
= Same function, but API was changed
= Function not available (NA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com