Electronic Components Datasheet Search
  English  ▼

X  

AN4228 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 40Page - STMicroelectronics AN4228 Datasheet HTML 41Page - STMicroelectronics AN4228 Datasheet HTML 42Page - STMicroelectronics AN4228 Datasheet HTML 43Page - STMicroelectronics AN4228 Datasheet HTML 44Page - STMicroelectronics AN4228 Datasheet HTML 45Page - STMicroelectronics AN4228 Datasheet HTML 46Page - STMicroelectronics AN4228 Datasheet HTML 47Page - STMicroelectronics AN4228 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
Firmware migration using the library
AN4228
44/90
DocID024110 Rev 5
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_AF;
GPIO_InitStructure.GPIO_Speed = GPIO_Speed_50MHz;
GPIO_InitStructure.GPIO_OType = GPIO_OType_PP;
GPIO_InitStructure.GPIO_PuPd = GPIO_PuPd_UP;
GPIO_Init(GPIOA, &GPIO_InitStructure);
4.6
EXTI Line0
The example below shows how to configure the PA0 pin to be used as EXTI Line0 in
STM32F1 series:
/* Enable APB interface clock for GPIOA and AFIO */
_APB2PeriphClockCmd(_APB2Periph_GPIOA | _APB2Periph_AFIO, ENABLE);
/* Configure PA0 pin in input mode */
GPIO_InitStructure.GPIO_Pin = GPIO_Pin_0;
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_IN_FLOATING;
GPIO_Init(GPIOA, &GPIO_InitStructure);
/* Connect EXTI Line0 to PA0 pin */
GPIO_EXTILineConfig(GPIO_PortSourceGPIOA, GPIO_PinSource0);
/* Configure EXTI line0 */
EXTI_InitStructure.EXTI_Line = EXTI_Line0;
EXTI_InitStructure.EXTI_Mode = EXTI_Mode_Interrupt;
EXTI_InitStructure.EXTI_Trigger = EXTI_Trigger_Falling;
EXTI_InitStructure.EXTI_LineCmd = ENABLE;
EXTI_Init(&EXTI_InitStructure);
In STM32F3 series, the configuration of the EXTI line source pin is performed in the
SYSCFG peripheral (instead of AFIO in STM32F1 series). As a result, the source code
should be updated as follows:
/* Enable GPIOA's AHB interface clock */
_AHBPeriphClockCmd(_AHBPeriph_GPIOA, ENABLE);
/* Enable SYSCFG's APB interface clock */
_APB2PeriphClockCmd(_APB2Periph_SYSCFG, ENABLE);
/* Configure PA0 pin in input mode */
GPIO_InitStructure.GPIO_Pin = GPIO_Pin_0;
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_IN;
GPIO_InitStructure.GPIO_PuPd = GPIO_PuPd_NOPULL;
GPIO_Init(GPIOA, &GPIO_InitStructure);
/* Connect EXTI Line0 to PA0 pin */
SYSCFG_EXTILineConfig(EXTI_PortSourceGPIOA, EXTI_PinSource0);
/* Configure EXTI line0 */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90