Electronic Components Datasheet Search
  English  ▼

X  

AN4286 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4286
Description  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 7Page - STMicroelectronics AN4286 Datasheet HTML 8Page - STMicroelectronics AN4286 Datasheet HTML 9Page - STMicroelectronics AN4286 Datasheet HTML 10Page - STMicroelectronics AN4286 Datasheet HTML 11Page - STMicroelectronics AN4286 Datasheet HTML 12Page - STMicroelectronics AN4286 Datasheet HTML 13Page - STMicroelectronics AN4286 Datasheet HTML 14Page - STMicroelectronics AN4286 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Bootloader command set
AN4286
11/38
DocID024458 Rev 2
Figure 7. Get command: slave side
The STM32 sends the bytes as follows.
•
Byte 1: ACK
•
Byte 2: N = 11 = the number of bytes to follow – 1 except current and ACKs.
•
Byte 3: bootloader version (0 < version < 255), example: 0x10 = version 1.0.
•
Byte 4: 0x00 (Get command)
•
Byte 5: 0x01 (Get Version)
•
Byte 6: 0x02 (Get ID)
•
Byte 7: 0x11 (Read Memory command)
•
Byte 8: 0x21 (Go command)
•
Byte 9: 0x31 (Write Memory command)
•
Byte 10: 0x44 (Erase command)
•
Byte 11: 0x63 (Write Protect command)
•
Byte 12: 0x73 (Write Unprotect command)
•
Byte 13: 0x82 (Readout Protect command)
•
Byte 14: 0x92 (Readout Unprotect command)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38