Electronic Components Datasheet Search
  English  ▼

X  

AN4286 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4286
Description  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 29Page - STMicroelectronics AN4286 Datasheet HTML 30Page - STMicroelectronics AN4286 Datasheet HTML 31Page - STMicroelectronics AN4286 Datasheet HTML 32Page - STMicroelectronics AN4286 Datasheet HTML 33Page - STMicroelectronics AN4286 Datasheet HTML 34Page - STMicroelectronics AN4286 Datasheet HTML 35Page - STMicroelectronics AN4286 Datasheet HTML 36Page - STMicroelectronics AN4286 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Bootloader command set
AN4286
33/38
DocID024458 Rev 2
Figure 25. Readout Protect command: slave side
2.12
Readout Unprotect command
The Readout Unprotect command is used to disable the Flash memory read protection.
When the bootloader receives the Readout Unprotect command, it transmits the ACK byte
to the master. After transmission of the ACK byte, the bootloader erases all the Flash
memory sectors and it disables the read protection for the entire Flash memory. If the erase
operation is successful, the bootloader deactivates the RDP.
If the erase operation is unsuccessful, the bootloader transmits a NACK and the read
protection remains active.
The Master has to wait enough time for the read protection disable (which is equivalent to
the Mass Erase time on most products - refer to product datasheet for more information)
before polling for a slave response.
At the end of the Readout Unprotect command, the bootloader transmits an ACK and
generates a system reset to take into account the new configuration of the option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38