| Electronic Components Datasheet Search |
|
TN0991 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0991 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 21 page ![]() July 2013 DocID024463 Rev 2 1/21 TN0991 Technical note Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use Introduction This document describes the 5 and 8-bump WLCSPs (wafer level chip size package) used for STMicroelectronics EEPROM products, and provides recommendation on how to use them. The competitive market of portable equipment, in particular the mobile phone market, is driven by the challenging development of highly integrated devices. To allow manufacturers of portable equipment to minimize the dimension of their devices, STMicroelectronics has developed WLCSP with reduced size, thickness and weight. The electrical performance of such components is improved by using shorter connections than in standard plastic packages such as TSSOP, SSOP or QFN. The WLCSP family has been designed to fulfill the same quality levels and same reliability performance as standard semiconductor plastic packages. As a consequence these new WLCSP can be considered as new surface mount devices which are assembled on a printed circuit board (PCB) without any special or additional process steps. In particular these packages do not require any extra underfill to increase reliability performance or to protect the device. These packages are compatible with existing pick-and-place equipment for board mounting. Only Lead-free RoHS compliant WLCSP are available in mass production. This document addresses the following topics: • Package description • Device marking • Packing specifications and labelling • Storage and shipping recommendations • Soldering assembly recommendations • Package changes • Package quality www.st.com |
Similar Part No. - TN0991 |
|
Similar Description - TN0991 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |