Electronic Components Datasheet Search
  English  ▼

X  

TN0991 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TN0991
Description  Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0991 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TN0991 Datasheet HTML 10Page - STMicroelectronics TN0991 Datasheet HTML 11Page - STMicroelectronics TN0991 Datasheet HTML 12Page - STMicroelectronics TN0991 Datasheet HTML 13Page - STMicroelectronics TN0991 Datasheet HTML 14Page - STMicroelectronics TN0991 Datasheet HTML 15Page - STMicroelectronics TN0991 Datasheet HTML 16Page - STMicroelectronics TN0991 Datasheet HTML 17Page - STMicroelectronics TN0991 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Soldering assembly recommendations
TN0991
14/21
DocID024463 Rev 2
WLCSP can withstand three times the previous recommended reflow profile to be
compatible with a double reflow when SMDs are mounted on both sides of the PCB plus
one additional repair.
A maximum of three soldering reflows are allowed for these Lead-free packages (with repair
step included).
The use of a no-clean flux is highly recommended to avoid any cleaning operation. To
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
Figure 8. JEDEC STD-020D soldering reflow profile
3.2.1
Protection against light exposure
WLCSP, when placed in a non-opaque housing for specific customer application, may be
exposed to various light sources such as incandescent light or sun light.
Since WLCSPs are light sensitive, it is recommended to protect them with an opaque layer
to prevent light from entering the semiconductor substrate through the top side or through
the lateral edges of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com