Electronic Components Datasheet Search
  English  ▼

X  

UPD72042 Datasheet(PDF) 23 Page - NEC

Part # UPD72042
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042 Datasheet(HTML) 23 Page - NEC

Back Button UPD72042 Datasheet HTML 19Page - NEC UPD72042 Datasheet HTML 20Page - NEC UPD72042 Datasheet HTML 21Page - NEC UPD72042 Datasheet HTML 22Page - NEC UPD72042 Datasheet HTML 23Page - NEC UPD72042 Datasheet HTML 24Page - NEC UPD72042 Datasheet HTML 25Page - NEC UPD72042 Datasheet HTML 26Page - NEC UPD72042 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
µPD72042
23
Data Sheet S14870EJ1V0DS00
Table 3-1
I/O States of the SIO (SI) and SO Pins
RESET
CS
SEL
C/D
SI (SIO)
SO
State
Three-wire/two-wire
Operating mode
0
××
×
I
Hi-Z
–
Reset state
11
××
I
Hi-Z
–
Chip nonselected state
1
0
1
1
I
O*
Three-wire
Control mode
0
Data write mode
O
Data read mode
0
1
I
Hi-Z
Two-wire
Control mode
0
Data write mode
O
Data read mode
I
: Input state
Hi-Z : High-impedance state
O
: Output state
×
: Don’t care
O* : State in which 1 is output
3.2
DATA TRANSFER FORMAT
3.2.1
Three-Wire Data Transfer (SEL = 1)
(1) Control mode
When the C/D input is set high, control mode is set to control data transfer. Data transfer control involves the
following processing.
1
Register address setting
2
Register read/write selection
Remark After reset (RESET) cancellation, the state enabling writing to the register at address 0000B is set.
Caution In control mode, each data item is read every eighth clock pulse. (Data of less than eight clock
periods is ignored.)
C/D
SCK
SIO
A3
A2
A1
A0
R
/
W
××
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com