Electronic Components Datasheet Search
  English  ▼

X  

MBR730 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR730
Description  7.5A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR730 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR730_15 Datasheet HTML 1Page - Diodes Incorporated MBR730_15 Datasheet HTML 2Page - Diodes Incorporated MBR730_15 Datasheet HTML 3Page - Diodes Incorporated MBR730_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR730 – MBR750
Document number: DS23007 Rev. 10 - 2
2 of 4
www.diodes.com
May 2013
© Diodes Incorporated
MBR730 – MBR750
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
730
MBR
740
MBR
750
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
40
50
V
RMS Reverse Voltage
VR(RMS)
21
28
35
V
Average Rectified Output Current
(Note 4)
@ TC = +125°C
IO
7.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Case (Note 4)
RθJC
3.5
°C/W
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/µs
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
MBR
730
MBR
740
MBR
750
Unit
Forward Voltage Drop
@ IF = 7.5A, TJ = +25°C
(Note 6)
@ IF = 7.5A, TJ = +125°C
@ IF = 15A, TJ = +25°C
@ IF = 15A, TJ = +125°C
VFM
—
0.57
0.84
0.72
0.75
0.65
—
—
V
Peak Reverse Current
@ TJ = +25°C
at Rated DC Blocking Voltage
@ TJ = +125°C
IRM
0.1
15
0.5
50
mA
Typical Total Capacitance (Note 5)
CT
400
pF
Notes:
4. Thermal resistance junction to case mounted on heatsink.
5. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
6. Short duration pulse test used to minimize self-heating effect.
050
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Fwd Current Derating Curve
C
°
0
2
4
6
8
10
0.1
1.0
10
100
0.2
0.1
0.4 0.5
0.3
0.6
0.8
0.9
0.7
1.0
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ Instantaneous Fwd Characteristics
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com