Electronic Components Datasheet Search
  English  ▼

X  

MBR730 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBR730
Description  7.5A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR730 Datasheet(HTML) 3 Page - Diodes Incorporated

  MBR730_15 Datasheet HTML 1Page - Diodes Incorporated MBR730_15 Datasheet HTML 2Page - Diodes Incorporated MBR730_15 Datasheet HTML 3Page - Diodes Incorporated MBR730_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR730 – MBR750
Document number: DS23007 Rev. 10 - 2
3 of 4
www.diodes.com
May 2013
© Diodes Incorporated
MBR730 – MBR750
110
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms Single half sine-wave
25
50
75
100
125
150
175
100
1,000
4,000
1.0
10
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance
R
100
0.1
0.001
0.01
0.1
1.0
020
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
10
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
TO220AC
Dim
Min
Typ Max
A
3.56
-
4.82
A1
0.51
-
1.39
A2
2.04
-
2.92
b
0.39 0.81 1.01
b2
1.15 1.24 1.77
c
0.356
-
0.61
D
14.22
-
16.51
D1
8.39
-
9.01
e1
5.08
E
9.66
-
10.66
H1
5.85
-
6.85
L
12.70
-
14.73
L1
-
-
6.35
P
3.54
-
4.08
Q
2.54
-
3.42
All Dimensions in mm
A
A1
c
D
E
b
e1
b2
P
H1
Q
L1
A2
D1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com