Electronic Components Datasheet Search
  English  ▼

X  

LTC3409 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3409
Description  600mA Low VIN Buck Regulator in 3mm 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3409 Datasheet HTML 8Page - Linear Technology LTC3409 Datasheet HTML 9Page - Linear Technology LTC3409 Datasheet HTML 10Page - Linear Technology LTC3409 Datasheet HTML 11Page - Linear Technology LTC3409 Datasheet HTML 12Page - Linear Technology LTC3409 Datasheet HTML 13Page - Linear Technology LTC3409 Datasheet HTML 14Page - Linear Technology LTC3409 Datasheet HTML 15Page - Linear Technology LTC3409 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3409
14
3409fc
Design Example
As a design example, assume the LTC3409 is used in a
2-alkaline cell battery-powered application. The VIN will be
operating from a maximum of 3.2V down to about 1.8V.
The load current requirement is a maximum of 600mA
but most of the time it will be in standby mode, requiring
only 2mA. Efficiency at both low and high load currents
is important. Output voltage is 1.5V. With this information
we can calculate L using Equation 2:
L
=
1
f• IL
VOUT 1–
VOUT
VIN
(2)
Substituting VOUT = 1.5V, VIN = 3.2V, ΔIL = 240mA and
f = 1.7MHz in Equation 2 gives:
L
=
1
1.7MHz • 240mA
1.5 1–
1.5
3.2
⎛
⎝
⎜⎜⎜
⎞
⎠
⎟⎟⎟⎟ 2.2μH
For best efficiency choose a 750mA or greater inductor
with less than 0.3Ω series resistance. CIN will require
an RMS current rating of at least 0.3A ≅ ILOAD(MAX)/2 at
temperature.
For the feedback resistors, choose R2 = 133k. R1 can then
be calculated from Equation 2 at 191K. Figure 4 shows the
complete circuit along with its efficiency curve.
Table 2 below gives 1% resistor values for selected output
voltages.
VFB
GND
VIN
VIN
SYNC
RUN
SW
MODE
LTC3409
L1
2.2μH
R1
191k
C1
10pF
CIN
4.7μF
VIN
1.6V TO 5.5V
R2
133k
3409 F04
VOUT
1.5V
0.6A
COUT
10μF
CER
L1: SUMIDA CDRH2D18/LD
Figure 4
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3409 F04b
0
1
1.8VIN
3.1VIN
2.5VIN
Burst Mode Efficiency, 1.5VOUT
APPLICATIONS INFORMATION
VOUT
R1
R2
0.85V
51.1k
133k
1.2V
127k
133k
1.5V
191k
133k
1.8V
255k
133k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com