Electronic Components Datasheet Search
  English  ▼

X  

LTC3410B Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3410B
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410B Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3410B Datasheet HTML 8Page - Linear Technology LTC3410B Datasheet HTML 9Page - Linear Technology LTC3410B Datasheet HTML 10Page - Linear Technology LTC3410B Datasheet HTML 11Page - Linear Technology LTC3410B Datasheet HTML 12Page - Linear Technology LTC3410B Datasheet HTML 13Page - Linear Technology LTC3410B Datasheet HTML 14Page - Linear Technology LTC3410B Datasheet HTML 15Page - Linear Technology LTC3410B Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3410B
3410bfa
APPLICATIO S I FOR ATIO
Design Example
As a design example, assume the LTC3410B is used in a
single lithium-ion battery-powered cellular phone
application. The VIN will be operating from a maximum of
4.2V down to about 2.7V. The load current requirement
is a maximum of 0.3A but most of the time it will be in
standby mode, requiring only 2mA. Efficiency at both low
and high load currents is important. Output voltage is
2.5V. With this information we can calculate L using
Equation (1),
L
fI
V
V
V
L
OUT
OUT
IN
= () ∆()
−
⎛
⎝⎜
⎞
⎠⎟
1
1
(3)
Substituting VOUT = 2.5V, VIN = 4.2V, ∆IL = 100mA
and f = 2.25MHz in Equation (3) gives:
L
V
MHz
mA
V
V
H
=
−
⎛
⎝⎜
⎞
⎠⎟
=
25
2 25
100
1
25
42
45
.
.(
)
.
.
.
µ
For best efficiency choose a 300mA or greater inductor
with less than 0.3
Ω series resistance.
CIN will require an RMS current rating of at least 0.125A ≅
ILOAD(MAX)/2 at temperature and COUT will require an ESR
of less than 0.5
Ω. In most cases, a ceramic capacitor will
satisfy this requirement.
For the feedback resistors, choose R1 = 412k. R2 can
then be calculated from equation (2) to be:
R
V
R
k use
OUT
2
08
1 1 875 5
8
=
−
⎛
⎝⎜
⎞
⎠⎟
=
.
. ;
87k
Figure 6 shows the complete circuit along with its
efficiency curve.
Figure 6a
Figure 6b
Figure 6c
VIN
CIN
†
2.2
µF
CER
VIN
2.7V
TO 4.2V
LTC3410B
RUN
3
4.7
µH*
10pF
887k
412k
3410 F07a
6
4
1
2, 5
SW
VFB
GND
COUT
†
2.2
µF
CER
VOUT
2.5V
†TAIYO YUDEN JMK212BJ225
*MURATA LQH32CN4R7M23
OUTPUT CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3410 F07b
30
20
10
0
90
100
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
4
µs/DIV
VOUT
100mV/DIV
AC COUPLED
VIN = 3.6V
VOUT = 2.5V
ILOAD = 100mA TO 300mA
ILOAD
200mA/DIV
IL
200mA/DIV
3410 F07c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com