Electronic Components Datasheet Search
  English  ▼

X  

LTC3410B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3410B
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410B Datasheet(HTML) 2 Page - Linear Technology

  LTC3410B Datasheet HTML 1Page - Linear Technology LTC3410B Datasheet HTML 2Page - Linear Technology LTC3410B Datasheet HTML 3Page - Linear Technology LTC3410B Datasheet HTML 4Page - Linear Technology LTC3410B Datasheet HTML 5Page - Linear Technology LTC3410B Datasheet HTML 6Page - Linear Technology LTC3410B Datasheet HTML 7Page - Linear Technology LTC3410B Datasheet HTML 8Page - Linear Technology LTC3410B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3410B
3410bfa
Input Supply Voltage .................................. – 0.3V to 6V
RUN, VFB Voltages ..................................... – 0.3V to VIN
SW Voltage (DC) ......................... – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 500mA
N-Channel Switch Sink Current (DC) ................. 500mA
ABSOLUTE
AXI U
RATI GS
Peak SW Sink and Source Current .................... 630mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
LTC3410BESC6
ORDER PART NUMBER
SC6 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 250°C/ W
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LBZY
TJMAX = 125°C, θJA = 250°C/ W
LTC3410BESC6-1.2
LTC3410BESC6-1.5
LTC3410BESC6-1.8
LTC3410BESC6-1.875
ORDER PART NUMBER
SC6 PART MARKING
LCMX
LCMY
LCMZ
LCHZ
RUN 1
GND 2
SW 3
6 VFB
5 GND
4 VIN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
RUN 1
GND 2
SW 3
6 VOUT
5 GND
4 VIN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
Adjustable Output Voltage
●
±30
nA
IVOUT
Output Voltage Feedback Current
Fixed Output Voltage
●
3.3
6
µA
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.7V or VOUT = 90%, Duty Cycle < 35%
380
490
600
mA
VFB
Regulated Feedback Voltage
Adjustable Output Voltage (LTC3410BE)
●
0.784
0.8
0.816
V
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V
●
0.04
0.4
%/V
VOUT
Regulated Output Voltage
LTC3410B-1.2, IOUT = 100mA
●
1.176
1.2
1.224
V
LTC3410B-1.5, IOUT = 100mA
●
1.47
1.5
1.53
V
LTC3410B-1.8, IOUT = 100mA
●
1.764
1.8
1.836
V
LTC3410B-1.875, IOUT = 100mA
●
1.837
1.875
1.913
V
∆VOUT
Output Voltage Line Regulation
VIN = 2.5V to 5.5V
●
0.04
0.4
%/V
VLOADREG
Output Voltage Load Regulation
ILOAD = 50mA to 250mA
0.5
%
VIN
Input Voltage Range
●
2.5
5.5
V
VUVLO
Undervoltage Lockout Threshold
VIN Rising
2.0
2.3
V
VIN Falling
1.94
V
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com