Electronic Components Datasheet Search
  English  ▼

X  

LTC3444 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3444
Description  Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3444 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3444 Datasheet HTML 10Page - Linear Technology LTC3444 Datasheet HTML 11Page - Linear Technology LTC3444 Datasheet HTML 12Page - Linear Technology LTC3444 Datasheet HTML 13Page - Linear Technology LTC3444 Datasheet HTML 14Page - Linear Technology LTC3444 Datasheet HTML 15Page - Linear Technology LTC3444 Datasheet HTML 16Page - Linear Technology LTC3444 Datasheet HTML 17Page - Linear Technology LTC3444 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC3444
3444fb
Inductor Selection
The high frequency operation of the LTC3444 allows the
use of small surface mount inductors. The internal loop
compensation is designed to work with a 2.2
μH inductor
(1.5
μH for VIN < 3.1V). The 2.2μH inductor was selected to
optimize the transient response to the control input. The
use of a 2.2
μH inductor pushes out the right half plane
(RHP) zero frequency and allows the loop crossover to
occur at frequencies higher than the output L-C double
pole.
For external compensation the inductor selection is based
on the desired inductor ripple current. The inductor ripple
current is typically set to 20% to 40% of the average
inductor current. Increased inductance results in lower
ripple current, however, higher inductance pulls in the
RHP zero frequency and limits the maximum crossover
frequency possible. Refer to Closing the Feedback Loop
for more information on the RHP zero. For a given ripple
the inductance terms are given as follows:
L
VV
V
fI
BOOST
IN MIN
OUT
IN MIN
OUT MAX
>
•
••
()
()
()
(–
)
ΔΔIV
H
L
OUT
•
L
VV
V
fI
I
V
H
BUCK
OUT
IN MAX
OUT
OUT MAX
L
IN MAX
>
•
••
•
(–
)
()
()
()
Δ
where f = operating frequency, Hz
ΔIL = inductor ripple current, A
VIN(MIN) = minimum input voltage, V
VIN(MAX) = maximum input voltage, V
VOUT = output voltage, V
IOUT(MAX) = maximum output load current
In most cases, the boost configuration will be used to
determine the minimum inductance allowed for a given
ripple current.
For high efficiency, choose a ferrite inductor with a high
frequency core material to reduce core loses. The inductor
should have low ESR (equivalent series resistance) to
reduce the I2R losses, and must be able to handle the peak
inductor current without saturating. To minimize radiated
noise, use a shielded inductor. See Table 2 for a suggested
list of inductor suppliers.
Table 2. Inductor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
CoEv Magnetics
(800) 227-7040
(650) 361-2508
www.circuitprotection.com/magnetics.asp
COOPER Bussmann
(636) 394-2877
1-800-544-2570
www.coooperET.com
Murata
(814) 237-1431
(814) 238-0490
www.murata.com
(800) 831-9172
Sumida
USA: (847) 956-0666
USA: (847) 956-0702
www.sumida.com
Japan: 81(3) 3607-5111
Japan: 81(3) 3607-5144
TDK
(847) 803-6100
(847) 803-6296
www.component.tdk.com
TOKO
(847) 297-0070
(847) 699-7864
www.tokoam.com
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com