Electronic Components Datasheet Search
  English  ▼

X  

LTC3444 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3444
Description  Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3444 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3444 Datasheet HTML 12Page - Linear Technology LTC3444 Datasheet HTML 13Page - Linear Technology LTC3444 Datasheet HTML 14Page - Linear Technology LTC3444 Datasheet HTML 15Page - Linear Technology LTC3444 Datasheet HTML 16Page - Linear Technology LTC3444 Datasheet HTML 17Page - Linear Technology LTC3444 Datasheet HTML 18Page - Linear Technology LTC3444 Datasheet HTML 19Page - Linear Technology LTC3444 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC3444
3444fb
Example of Internal Compensation Transient Response for a
Command Voltage Change
TYPICAL APPLICATIO S
LTC3444
VCONTROL
2.7V TO 4.2V
SW2
R1
340k
COUT
4.7
μF
1.5
μH
L1
CIN
4.7
μF
VOUT
0.8V TO 4.2V
R3
205k
R2
267k
VOUT
FB
VC
SW1
VIN
SHDN
GND
DAC
+
Li-Ion
3444 TA02
CIN =
COUT =
L1 =
MURATA:GRM31CR61C475K
MURATA:GRM31CR61C475K
COOPER BUSSMAN SD12-2R2
Internally Compensated WCDMA Application. Singe Cell, 2.7V to
4.2V Input, 0.8V to 4.2V at 400mA Output.
VIN = 3.6V, VOUT = 0.8V TO 4.2V
VCONTROL = 2.36V TO 0.28V, ILOAD = 100mA
VCONTROL
10
μs/DIV
VOUT
3444 G16a
VIN = 3.6V, VOUT = 4.2V TO 0.8V
VCONTROL = 0.28V TO 2.36V, ILOAD = 100mA
VCONTROL
VOUT
!""" /%
10
μs/DIV
LTC3444 Dynamic Response
LTC3444 Dynamic Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com