Electronic Components Datasheet Search
  English  ▼

X  

LTC3452 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3452
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452 Datasheet(HTML) 1 Page - Linear Technology

  LTC3452 Datasheet HTML 1Page - Linear Technology LTC3452 Datasheet HTML 2Page - Linear Technology LTC3452 Datasheet HTML 3Page - Linear Technology LTC3452 Datasheet HTML 4Page - Linear Technology LTC3452 Datasheet HTML 5Page - Linear Technology LTC3452 Datasheet HTML 6Page - Linear Technology LTC3452 Datasheet HTML 7Page - Linear Technology LTC3452 Datasheet HTML 8Page - Linear Technology LTC3452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3452
3452f
■ Cell Phones
■ Digital Cameras
■ PDAs
■ Portable Devices
5
× 20mA White LED Display + 200mA Camera Light Driver
Synchronous Buck-Boost
MAIN/CAMERA White LED Driver
■ High Efficiency:
≥85% Over Entire Li-Ion Battery
Range
■ Wide VIN Range: 2.7V to 5.5V
■ Independent MAIN/CAMERA Current Control
■ Up to 425mA Continuous Output Current
■ Internal Soft-Start
■ Open/Shorted LED Protection
■ PWM Brightness Control
■ LED Current Matching Typically <2.5%
■ Constant Frequency 1MHz Operation
■ Low Shutdown Current: 6.5
µA
■ Overtemperature Protection
■ Small Thermally Enhanced 20-Lead
(4mm
× 4mm) QFN Package
Torch and Flash Mode Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3452 is a synchronous buck-boost DC/DC con-
verter optimized for driving two banks of white LEDs from
a single Li-Ion battery input. Five parallel LEDs can be
driven at up to 25mA each in the low power LED bank,
while two LEDs can be driven at up to 150mA each (or a
single LED at 300mA) in the high power LED bank. The
regulator operates in either synchronous buck, synchro-
nous boost or buck-boost mode, depending on input
voltage and LED maximum forward voltage. Optimum
efficiency is achieved by sensing which LED requires the
largest forward voltage drop at its programmed current,
and regulating the common output rail for lowest dropout.
Efficiency of 85% can be achieved over the entire usable
range of a Li-Ion battery (2.7V to 4.2V).
Maximum LED current for each LED display is program-
mable with a single external resistor. Dual enable pins
allow for PWM brightness control in the low power bank
and independent on/off control for the high current bank
(optimal for LED camera flash). In shutdown, the supply
current is only 6.5
µA.
A high constant operating frequency of 1MHz allows the
use of a small external inductor. The LTC3452 is offered
in a low profile (0.75mm) thermally enhanced 20-lead
(4mm
× 4mm) QFN package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1MHz
BUCK/BOOST
LTC3452
ENL
ENH
0.1
µF
ISETL
10.2k
LEDH1
0mA TO
20mA
0mA TO
20mA
0mA TO
20mA
0mA TO
20mA
0mA TO
20mA
LEDH2
LEDL1
LEDL2
LEDL3
LEDL4
LEDL5
GND
GND
PGND
EXPOSED PAD
ISETH
6.19k
2.2
µF
VIN
SINGLE
Li-Ion CELL
2.7V TO 4.2V
L
4.7
µH
MAIN DISPLAY LED BACKLIGHT
D1: AOT 2015
D2 TO D6: NICHIA NSCW100
L: COILCRAFT DO3314-472
VC
PVIN
VIN
VOUT
200mA
SW1
SW2
D1
CAM
D2
D3
D4
D5
D6
4.7
µF
3452 TA01a
+
VIN (V)
2.7
75
77
81
83
85
95
89
3.5
4.3
4.7
3452 TA01b
79
91
93
87
3.1
3.9
5.1
5.5
TA = 25°C
TORCH MODE AT 100mA
FLASH MODE AT 200mA
EFFICIENCY =
Σ
(VOUT – VLEDx) • ILEDx
VIN • IIN


Similar Part No. - LTC3452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452EUF LINER-LTC3452EUF Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
More results

Similar Description - LTC3452

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
MP1567: Buck Boost Lumileds White LED Driver
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
4ch White LED Driver with Buck-Boost
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com