Electronic Components Datasheet Search
  English  ▼

X  

LTC3452 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3452
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3452 Datasheet HTML 8Page - Linear Technology LTC3452 Datasheet HTML 9Page - Linear Technology LTC3452 Datasheet HTML 10Page - Linear Technology LTC3452 Datasheet HTML 11Page - Linear Technology LTC3452 Datasheet HTML 12Page - Linear Technology LTC3452 Datasheet HTML 13Page - Linear Technology LTC3452 Datasheet HTML 14Page - Linear Technology LTC3452 Datasheet HTML 15Page - Linear Technology LTC3452 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC3452
3452f
©LINEAR TECHNOLOGY CORPORATION 2006
LT 0406 • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant Current, Constant Voltage 1.4MHz, High Efficiency
VIN: 1.6V to 18V, VOUT(MAX) = 34V, IQ = 1.8mA, ISD = <1µA,
Boost Regulator
MS10 Package/EDD Package
LT1930/LT1930A 1A (ISW), 1.2MHz/2.2MHz, High Efficiency Step-Up
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD = <1µA,
DC/DC Converter
ThinSOT Package
LT1932
Constant Current, 1.2MHz, High Efficiency White LED
VIN: 1V to 10V, VOUT(MAX) = 34V, IQ = 1.2mA, ISD = <1µA,
Boost Regulator
ThinSOT Package
LT1937
Constant Current, 1.2MHz, High Efficiency White LED
VIN: 2.5V to 10V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD = <1µA,
Boost Regulator
ThinSOT Package/SC70 Package
LTC3205
High Efficiency, Multi-Display LED Controller
VIN: 2.8V to 4.5V, VOUT(MAX) = 6V, IQ = 50µA, ISD = <1µA,
QFN-24 Package
LTC3215
700mA Low Noise High Current LED Charge Pump
VIN: 2.9V to 4.4V, VOUT(MAX) = 5.5V, IQ = 300µA, ISD = <2.5µA,
DFN Package
LTC3216
1A Low Noise High Current LED Charge Pump with
VIN: 2.9V to 4.4V, VOUT(MAX) = 5.5V, IQ = 300µA, ISD = <2.5µA,
Independent Flash/Torch Current
DFN Package
LTC3440/
600mA/1.2A IOUT, 2MHz/1MHz, Synchronous Buck-Boost
VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 25µA/50µA, ISD = <1µA,
LTC3441
DC/DC Converter
MS-10 Package/DFN Package
LTC3443
600mA/1.2A IOUT, 600kHz, Synchronous Buck-Boost
VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 28µA, ISD = <1µA,
DC/DC Converter
DFN Package
LTC3453
500mA Synchronous Buck-Boost High Power White
VIN: 2.7V to 5.5V, VOUT(MAX) = 4.5V, IQ = 600µA, ISD = 6µA,
LED Driver
QFN-16 Package
LTC3454
1A Synchronous Buck-Boost High Power White
VIN: 2.7V to 5.5V, VOUT(MAX) = 5.15V, IQ = 825µA, ISD = 0µA,
LED Driver
DFN Package
LT3465/LT3465A Constant Current, 1.2MHz/2.7MHz, High Efficiency White LED
VIN: 2.7V to 16V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD = <1µA,
Boost Regulator with Integrated Schottky Diode
ThinSOT Package
LT3466
Dual Constant Current, 2MHz, High Efficiency White LED
VIN: 2.7V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD = <16µA,
Boost Regulator with Integrated Schottky Diode
DFN Package
LT3479
3A, Full Featured DC/DC Converter with Soft-Start and
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 6.5mA, ISD = <1µA,
Inrush Current Protection
DFN Package/TSOPP Package
4
× 20mA White LED Display + 2 × 150mA Camera Light Driver
1MHz
BUCK/BOOST
LTC3452
ENL
ENL
0.1
µF
ISETL
10.2k
ENH
ENH
LEDH1
150mA
D1
150mA
D2
D3
D4
D5
D6
LEDH2
GND
GND
PGND
EXPOSED PAD
D1, D2: AOT 2015
D3-D6: NICHIA NSCW100
L: COILCRAFT D03314-472
ISETH
4.02k
2.2
µF
L
4.7
µH
VC
PVIN
VIN
VIN
3V TO 5.5V
VOUT
SW1
SW2
4.7
µF
LOW
POWER
LED
BANK
3452 TA02a
LEDL1, 20mA
LEDL2, 20mA
LEDL3, 20mA
LEDL4, 20mA
LEDL5, UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com