Electronic Components Datasheet Search
  English  ▼

X  

LTC3526LB Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology LTC3526LB Datasheet HTML 10Page - Linear Technology LTC3526LB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
3
+
–
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
EXPOSED
PAD
+
–
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF
4M
SHDN
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN
1
6
SW
VOUT
L1
4.7µH
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT
5
7
GND
3526l BD
2
FB
R2
COUT
4.7µF
VOUT
1.5V
TO 5.25V
R1
4
CIN
2.2µF
VIN
0.8V
TO 5V
block DiAgrAM
(Refer to Block Diagram)
operAtion
TheLTC3526L/LTC3526LBare1MHzsynchronousboost
convertershousedina6-lead2mm
×2mmDFNpackage.
Withaguaranteedabilitytostartupandoperatefrominputs
lessthan0.8V,thisdevicefeaturesfixedfrequency,current
modePWMcontrolforexceptionallineandloadregula-
tion.Thecurrentmodearchitecturewithadaptiveslope
compensationprovidesexcellenttransientloadresponse,
requiringminimaloutputfiltering.Internalsoft-startand
internalloopcompensationsimplifiesthedesignprocess
whileminimizingthenumberofexternalcomponents.
WithitslowRDS(ON)andlowgatechargeinternalN-chan-
nelMOSFETswitchandP-channelMOSFETsynchronous
rectifier,theLTC3526Lachieveshighefficiencyoverawide
rangeofloadcurrents.BurstModeoperationmaintains
highefficiencyatverylightloads,reducingthequiescent
currenttojust9µA.Operationcanbebestunderstoodby
referringtotheBlockDiagram.
LOW VOLTAGE START-UP
TheLTC3526L/LTC3526LBincludeanindependentstart-
uposcillatordesignedtostartupataninputvoltageof
0.68V(typical).Soft-startandinrushcurrentlimitingare
providedduringstart-up,aswellasnormalmode.
When either VIN or VOUT exceeds 1.3V typical, the IC
entersnormaloperatingmode.Whentheoutputvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com