Electronic Components Datasheet Search
  English  ▼

X  

LTC3526LB Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3526LB Datasheet HTML 2Page - Linear Technology LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology LTC3526LB Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
SW(Pin1):SwitchPin.ConnectinductorbetweenSWand
VIN.KeepPCBtracelengthsasshortandwideaspossible
toreduceEMI.IftheinductorcurrentfallstozeroorSHDN
islow,aninternalanti-ringingswitchisconnectedfrom
SWtoVINtominimizeEMI.
GND(Pin2,ExposedPadPin7):SignalandPowerGround.
ProvideashortdirectPCBpathbetweenGNDandthe
(–)sideoftheinputandoutputcapacitors.
The Exposed
Pad must be soldered to the PCB ground plane.Itserves
asanadditionalgroundconnectionandasameansof
conductingheatawayfromthepackage.
VIN (Pin 3):InputSupplyPin.Connectaminimumof1µF
ceramic decoupling capacitor from this pin to ground
usingshortdirectPCBtraces.
SHDN (Pin 4):LogicControlledShutdownInput.There
isaninternal4M
Ωpull-downonthispin.
•SHDN=High:Normaloperation
•SHDN=Low:Shutdown,quiescentcurrent<1µA
FB (Pin 5):FeedbackInputtothegmErrorAmplifier.Con-
nectresistordividertaptothispin.Thetopofthedivider
connectstotheoutputcapacitor,thebottomofthedivider
connectstoGND.ReferringtotheBlockDiagram,theoutput
voltagecanbeadjustedfrom1.5Vto5.25Vby:
V
V
R
R
OUT =
+


1 195
1
2
1
.
•
VOUT(Pin6):Outputvoltagesenseanddrainoftheinternal
synchronousrectifier.PCBtracefromVOUTtotheoutput
filtercapacitor(4.7µFminimum)shouldbeasshortand
Load Step Response (from Burst
Mode Operation) (LTC3526L)
Load Step Response
(Fixed Frequency)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 1.2V
VOUT = 3.3V
50mA TO 100mA STEP
COUT = 10µF
3526l G21
VOUT
100mV/DIV
AC-COUPLED
LOAD
CURRENT
50mA/DIV
50µs/DIV
VIN = 1.2V
VOUT = 3.3V
5mA TO 100mA STEP
COUT = 10µF
3526l G22
VOUT
100mV/DIV
AC-COUPLED
typicAl perForMAnce chArActeristics
pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com