Electronic Components Datasheet Search
  English  ▼

X  

LTC3544 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3544
Description  Quad Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544 Datasheet(HTML) 1 Page - Linear Technology

  LTC3544 Datasheet HTML 1Page - Linear Technology LTC3544 Datasheet HTML 2Page - Linear Technology LTC3544 Datasheet HTML 3Page - Linear Technology LTC3544 Datasheet HTML 4Page - Linear Technology LTC3544 Datasheet HTML 5Page - Linear Technology LTC3544 Datasheet HTML 6Page - Linear Technology LTC3544 Datasheet HTML 7Page - Linear Technology LTC3544 Datasheet HTML 8Page - Linear Technology LTC3544 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3544
1
3544fa
■
Cellular Telephones
■
Personal Information Appliances
■
Wireless and DSL Modems
■
Digital Still Cameras
■
Media Players
■
Portable Instruments
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Quad Synchronous
Step-Down Regulator: 2.25MHz,
300mA, 200mA, 200mA, 100mA
The LTC
®3544 is a quad, high efficiency, monolithic
synchronous buck regulator using a constant-frequency,
current mode architecture. The four regulators operate
independently with separate run pins. The 2.25V to 5.5V
input voltage range makes the LTC3544 well suited for
single Li-Ion/polymer battery-powered applications.
100% duty cycle provides low dropout operation, ex-
tending battery runtime in portable systems. Low ripple
Burst Mode® operation increases efficiency at light loads,
further extending battery runtime with typically only 20mV
of ripple.
Switching frequency is internally set to 2.25MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switches increase efficiency
and eliminate the need for external Schottky diodes. Low
output voltages are easily supported with the 0.8V feedback
reference voltage.
The LTC3544 is available in a low profile (0.75mm) (3mm
× 3mm) QFN package.
■
High Efficiency: Up to 95%
■
Four Independent Regulators Provide Up to 300mA,
200mA, 200mA and 100mA Output Current
■
2.25V to 5.5V Input Voltage Range
■
2.25MHz Constant-Frequency Operation
■
No Schottky Diodes Required
■
Extremely Low Channel-to-Channel Transient
Crosstalk
■
Low Ripple (20mVP-P) Burst Mode Operation:
IQ = 70μA (All Channels On)
■
0.8V Reference Allows Low Output Voltages
■
Shutdown Mode Draws <1μA Supply Current
■
Current Mode Operation for Excellent Line and Load
Transient Response
■
Overtemperature Protected
■
Low Profile (3mm × 3mm) 16-Lead QFN Package
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 6580258, 6304066, 6127815, 6498466, 6611131, 5994885.
4.7
μH
3.3
μH
10
μH
93.1k
107k
4.7
μF
CER
4.7
μF
CER
3.3
μH
133k
59k
107k
118k
3544B TA01a
4.7
μF
CER
4.7
μF
CER
4.7
μF
CER
VOUT3
0.8V
200mA
VOUT1
1.2V
100mA
VOUT2
1.5V
200mA
VIN
2.25V TO 5.5V
VOUT4
1.8V
300mA
RUN200B
SW200B
VFB200B
RUN200A
SW200A
VFB200A
RUN300
SW300
VFB300
RUN100
SW100
VFB100
VCC
PVIN
LTC3544
GNDA
PGND
100k
High Efficiency Quad Step-Down Converter
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544 TA01b
0
1
0.1
0.01
0.001
0.0001
0.001
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 2.5V
TA = 25°C
EFFICIENCY
LOSS
Efficiency vs Load Current, 300mA
Channel, All Other Channels Off


Similar Part No. - LTC3544

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
298Kb / 18P
Quad Synchronous Step-Down Regulator
LTC3544BEUD LINER-LTC3544BEUD Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544BEUD-PBF LINER-LTC3544BEUD-PBF Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
More results

Similar Description - LTC3544

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544B LINER-LTC3544B_15 Datasheet
298Kb / 18P
Quad Synchronous Step-Down Regulator
LTC3562 LINER-LTC3562_15 Datasheet
257Kb / 20P
I2C Quad Synchronous Step-Down DC/DC Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Linear Technology
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
Synchronous Step-Down Regulator
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT7200S AD-LT7200S Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
LT8686S AD-LT8686S Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com