Electronic Components Datasheet Search
  English  ▼

X  

LTC3544 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3544
Description  Quad Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544 Datasheet(HTML) 5 Page - Linear Technology

  LTC3544 Datasheet HTML 1Page - Linear Technology LTC3544 Datasheet HTML 2Page - Linear Technology LTC3544 Datasheet HTML 3Page - Linear Technology LTC3544 Datasheet HTML 4Page - Linear Technology LTC3544 Datasheet HTML 5Page - Linear Technology LTC3544 Datasheet HTML 6Page - Linear Technology LTC3544 Datasheet HTML 7Page - Linear Technology LTC3544 Datasheet HTML 8Page - Linear Technology LTC3544 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3544
5
3544fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current 300mA
Channel. All Other Channels Off
Efficiency vs Load Current 200mA
Channel A. All Other Channels Off
Efficiency vs Load Current 200mA
Channel B. All Other Channels Off
LOAD CURRENT (A)
30
100
90
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544 G08
0
0.001
VOUT = 0.8V
TA = 25°C
ALL OTHER CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 4.2V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544 G09
0
0.001
VOUT = 1.5V
TA = 25°C
ALL OTHER
CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 4.2V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544 G07
0
0.001
VOUT = 1.8V
TA = 25°C
ALL OTHER
CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 4.2V
Load Step Response
300mA Channel
Load Step Response
200mA Channel A
Load Step Response
200mA Channel B
Efficiency vs Load Current 100mA
Channel. All Other Channels Off
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544 G10
0
0.001
VOUT = 1.2V
TA = 25°C
ALL OTHER
CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 4.2V
LOAD (mA)
0
0.6
0.8
1.2
300
3544 G11
0.4
0.2
100
200
400
0
–0.2
1.0
VIN = 3.6V
TA = 25°C
100mA = 1.2V
200mA (A) = 0.8V
200mA (B) = 1.5V
300mA = 1.8V
Burst Mode OPERATION
RIPPLE
VOUT100
VOUT200A
VOUT200B
VOUT300
RUNx
200
μs/DIV
VIN = 3.6V
TA = 25°C
ALL CHANNELS UNLOADED
3544 G12
VOUT300
100mV/DIV
AC
COUPLED
IL
250mA/DIV
ILOAD
250mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
TA = 25°C
ILOAD = 600μA TO 300mA
3544 G13
VOUT200A
50mV/DIV
AC
COUPLED
IL
250mA/DIV
ILOAD
250mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 0.8V
TA = 25°C
ILOAD = 600μA TO 200mA
3544 G14
VOUT200B
50mV/DIV
AC COUPLED
IL
250mA/DIV
ILOAD
250mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 1.5V
TA = 25°C
ILOAD = 600μA TO 200mA
3544 G15
Load Regulation
All Channels
Start-Up Curves
All Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com