Electronic Components Datasheet Search
  English  ▼

X  

LTC3547 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3547
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3547 Datasheet HTML 5Page - Linear Technology LTC3547 Datasheet HTML 6Page - Linear Technology LTC3547 Datasheet HTML 7Page - Linear Technology LTC3547 Datasheet HTML 8Page - Linear Technology LTC3547 Datasheet HTML 9Page - Linear Technology LTC3547 Datasheet HTML 10Page - Linear Technology LTC3547 Datasheet HTML 11Page - Linear Technology LTC3547 Datasheet HTML 12Page - Linear Technology LTC3547 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3547
9
3547fa
APPLICATIO S I FOR ATIO
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter
is a square wave with a duty cycle of approximately
VOUT/VIN. To prevent large voltage transients, a low equiv-
alent series resistance (ESR) input capacitor sized for
the maximum RMS current must be used. The max-
imum RMS capacitor current is given by:
II
VV
V
V
RMS
MAX
OUT
IN
OUT
IN
≈
−
()
Where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL/2.
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case is commonly used to
design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple cur-
rent ratings are often based on only 2000 hours lifetime.
This makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
the size or height requirements of the design. An addi-
tional 0.1µF to 1µF ceramic capacitor is also recommended
on VIN for high frequency decoupling when not using an
all-ceramic capacitor solution.
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment for COUT has been met, the RMS current rating
generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple ΔVOUT is determined by:
∆≅ ∆
+
⎛
⎝⎜
⎞
⎠⎟
VI
ESR
fC
OUT
L
OUT
1
8
where f = operating frequency, COUT = output capacitance
and ΔIL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since ΔIL increases with input voltage.
If tantalum capacitors are used, it is critical that the capaci-
tors are surge tested for use in switching power supplies.
An excellent choice is the AVX TPS series of surface mount
tantalum. These are specially constructed and tested for low
ESR so they give the lowest ESR for a given volume. Other
capacitor types include Sanyo POSCAP, Kemet T510 and
T495 series, and Sprague 593D and 595D series. Consult
the manufacturer for other specific recommendations.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high
ripple current, high voltage rating and low ESR make
them ideal for switching regulator applications. Because
the LTC3547 control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors are
used at the input. When a ceramic capacitor is used at the
input and the power is supplied by a wall adapter through
long wires, a load step at the output can induce ringing at
the input, VIN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN, large enough to damage the
part. For more information, see Application Note 88.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com