Electronic Components Datasheet Search
  English  ▼

X  

LTC3547 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3547
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3547 Datasheet HTML 8Page - Linear Technology LTC3547 Datasheet HTML 9Page - Linear Technology LTC3547 Datasheet HTML 10Page - Linear Technology LTC3547 Datasheet HTML 11Page - Linear Technology LTC3547 Datasheet HTML 12Page - Linear Technology LTC3547 Datasheet HTML 13Page - Linear Technology LTC3547 Datasheet HTML 14Page - Linear Technology LTC3547 Datasheet HTML 15Page - Linear Technology LTC3547 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3547
16
3547fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0906 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V, IQ = 20µA,
ISD <1µA, ThinSOT
TM Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V, IQ = 20µA,
ISD <1µA, ThinSOT Package
LTC3407/LTC3407-2
Dual 600mA/800mA (IOUT), 1.5MHz/2.25MHz,
Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V, IQ = 40µA,
ISD <1µA, MS10E, DFN Packages
LTC3409
600mA (IOUT), 1.7MHz/2.6MHz, Synchronous
Step-Down DC/DC Converter
96% Efficiency, VIN: 1.6V to 5.5V, VOUT = 0.6V, IQ = 65µA,
ISD <1µA, DFN Package
LTC3410/LTC3410B
300mA (IOUT), 2.25MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V, IQ = 26µA, ISD <1µA,
SC70 Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA,
ISD <1µA, MS10, DFN Packages
LTC3531/LTC3531-3/
LTC3531-3.3
200mA (IOUT), 1.5MHz, Synchronous Buck-Boost
DC/DC Converter
95% Efficiency, VIN: 1.8V to 5.5V, VOUT: 2V to 5V,
IQ = 16µA, ISD <1µA, ThinSOT, DFN Packages
LTC3532
500mA (IOUT), 2MHz, Synchronous Buck-Boost
DC/DC Converter
95% Efficiency, VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V, IQ = 35µA,
ISD <1µA, MS10, DFN Packages
LTC3548/LTC3548-1/
LTC3548-2
Dual 400mA and 800mA (IOUT), 2.25MHz,
Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V, IQ = 40µA,
ISD <1µA, MS10E, DFN Packages
ThinSOT is a trademark of Linear Technology Corporation
TYPICAL APPLICATIO
RELATED PARTS
VIN
RUN2
RUN1
LTC3547
VFB2
SW2
SW1
VFB1
CF2, 10pF
CF1, 10pF
GND
VIN
2.5V TO 5.5V
VOUT2
1.8V AT 300mA
VOUT1
2.5V AT 300mA
3547 TA02
R3
280k
R1
280k
R4
562k
L2
4.7
µH
L1
4.7
µH
R2
887k
COUT2
4.7
µF
C1
4.7
µF
COUT1
4.7
µF
C1, C2, C3: TAIYO YUDEN JMK316BJ475ML
L1, L2: MURATA LQH32CN4R7M33
Dual 300mA Buck Converter
VIN
RUN2
RUN1
LTC3547-1
VFB2
SW2
SW1
VFB1
GND
VIN
2.5V TO 5.5V
VOUT2
1.2V AT 300mA
VOUT1
1.8V AT 300mA
3547 TA03
L2
4.7
µH
L1
4.7
µH
COUT2
4.7
µF
C1
4.7
µF
COUT1
4.7
µF
C1, COUT1, COUT2: TAIYO YUDEN JMK316BJ475ML
L1, L2: MURATA LQH32CN4R7M33
1.8V/1.2V Dual 300mA Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com