Electronic Components Datasheet Search
  English  ▼

X  

AN4471 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 10Page - STMicroelectronics AN4471 Datasheet HTML 11Page - STMicroelectronics AN4471 Datasheet HTML 12Page - STMicroelectronics AN4471 Datasheet HTML 13Page - STMicroelectronics AN4471 Datasheet HTML 14Page - STMicroelectronics AN4471 Datasheet HTML 15Page - STMicroelectronics AN4471 Datasheet HTML 16Page - STMicroelectronics AN4471 Datasheet HTML 17Page - STMicroelectronics AN4471 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Hardware layout and configuration
AN4471
14/39
DocID026197 Rev 1
Figure 7. Acquisition by Program “1”, where C1, C2, C3 and C4 are XDCR_1, XDCR_2,
XDCR_7 and XDCR_8, respectively
Figure 8. Acquisition by Program “1”, where C1, C2, C3 and C4 are XDCR_1, XDCR_2,
XDCR_7 and XDCR_8, respectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39